データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320CC6713GLS20EP データシート(PDF) 7 Page - Texas Instruments

部品番号 SM320CC6713GLS20EP
部品情報  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SM320CC6713GLS20EP データシート(HTML) 7 Page - Texas Instruments

Back Button SM320CC6713GLS20EP Datasheet HTML 3Page - Texas Instruments SM320CC6713GLS20EP Datasheet HTML 4Page - Texas Instruments SM320CC6713GLS20EP Datasheet HTML 5Page - Texas Instruments SM320CC6713GLS20EP Datasheet HTML 6Page - Texas Instruments SM320CC6713GLS20EP Datasheet HTML 7Page - Texas Instruments SM320CC6713GLS20EP Datasheet HTML 8Page - Texas Instruments SM320CC6713GLS20EP Datasheet HTML 9Page - Texas Instruments SM320CC6713GLS20EP Datasheet HTML 10Page - Texas Instruments SM320CC6713GLS20EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 123 page
background image
SM320C6713-EP
SM320C6713B-EP
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
www.ti.com
SGUS049H – AUGUST 2003 – REVISED SEPTEMBER 2008
Table 3-1. Terminal Assignments for 272-Ball GDP Package (in Order of Ball No.)
BALL NO.
SIGNAL NAME
BALL NO.
SIGNAL NAME
A1
VSS
C1
GP[5](EXT_INT5)/AMUTEIN0
A2
VSS
C2
GP[4](EXT_INT4)/AMUTEIN1
A3
CLKIN
C3
CVDD
A4
CVDD
C4
CLKMODE0
A5
RSV
C5
PLLHV
A6
TCK
C6
VSS
A7
TDI
C7
CVDD
A8
TDO
C8
VSS
A9
CVDD
C9
VSS
A10
CVDD
C10
DVDD
A11
VSS
C11
EMU4
A12
RSV
C12
RSV
A13
RESET
C13
NMI
A14
VSS
C14
HD14/GP[14]
A15
HD13/GP[13]
C15
HD12/GP[12]
A16
HD11/GP[11]
C16
HD9/GP[9]
A17
DVDD
C17
HD6/AHCLKR1
A18
HD7/GP[3]
C18
CVDD
A19
VSS
C19
HD4/GP[0]
A20
VSS
C20
HD3/AMUTE1
B1
VSS
D1
DVDD
B2
CVDD
D2
GP[6](EXT_INT6)
B3
DVDD
D3
EMU2
B4
VSS
D4
VSS
B5
RSV
D5
CVDD
B6
TRST
D6
CVDD
B7
TMS
D7
RSV
B8
DVDD
D8
VSS
B9
EMU1
D9
EMU0
B10
EMU3
D10
CLKOUT3
B11
RSV
D11
CVDD
B12
EMU5
D12
RSV
B13
DVDD
D13
VSS
B14
HD15/GP[15]
D14
CVDD
B15
VSS
D15
CVDD
B16
HD10/GP[10]
D16
DVDD
B17
HD8/GP[8]
D17
VSS
B18
HD5/AHCLKX1
D18
HD2/AFSX1
B19
CVDD
D19
DVDD
B20
VSS
D20
HD1/AXR1[7]
E1
CLKS1/SCL1
J17
HOLD
E2
VSS
J18
HOLDA
E3
GP[7]/(EXP_INT7)
J19
BUSREQ
E4
VSS
J20
HINT/GP[1]
E17
VSS
K1
CVDD
E18
HAS/ACLKX1
K2
VSS
E19
HDS1/AXR1[6]
K3
CLKS0/AHCLKR0
E20
HD0/AXR1[4]
K4
CVDD
F1
TOUT1/AXR0[4]
K9
VSS
F2
TINP1/AHCLKX0
K10
VSS
F3
DVDD
K11
VSS
Submit Documentation Feedback
DEVICE INFORMATION
7


同様の部品番号 - SM320CC6713GLS20EP

メーカー部品番号データシート部品情報
logo
UNIOHM CORPORATION
SM320C UNIOHM-SM320C Datasheet
66Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM320C SECOS-SM320C Datasheet
204Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM320C TAYCHIPST-SM320C Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SM320C LRC-SM320C Datasheet
407Kb / 4P
   VOLTAGE 20V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM320C GWSEMI-SM320C Datasheet
65Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

同様の説明 - SM320CC6713GLS20EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727 TI-TMS320C6727 Datasheet
1Mb / 115P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com