データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7Z26 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 7Z26
部品情報  TinyLogic짰UHS Buffer with 3-STATE Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

7Z26 データシート(HTML) 1 Page - Fairchild Semiconductor

  7Z26 Datasheet HTML 1Page - Fairchild Semiconductor 7Z26 Datasheet HTML 2Page - Fairchild Semiconductor 7Z26 Datasheet HTML 3Page - Fairchild Semiconductor 7Z26 Datasheet HTML 4Page - Fairchild Semiconductor 7Z26 Datasheet HTML 5Page - Fairchild Semiconductor 7Z26 Datasheet HTML 6Page - Fairchild Semiconductor 7Z26 Datasheet HTML 7Page - Fairchild Semiconductor 7Z26 Datasheet HTML 8Page - Fairchild Semiconductor 7Z26 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©1996 Fairchild Semiconductor Corporation
www.fairchildsemi.com
NC7SZ126 Rev. 1.10.0
March 2008
NC7SZ126
TinyLogic® UHS Buffer with 3-STATE Output
Features
Space saving SOT23 or SC70 5-lead package
Ultra small MicroPak™ leadless package
Ultra High Speed; tPD 2.6ns Typ. into 50pF at 5V VCC
High Output Drive; ±24mA at 3V VCC
Broad VCC Operating Range; 1.65V to 5.5V
Matches the performance of LCX when operated at
3.3V VCC
Power down high impedance inputs/output
Overvoltage tolerant inputs facilitate 5V to 3V
translation
Patented noise/EMI reduction circuitry implemented
General Description
The NC7SZ126 is a single buffer with 3-STATE output
from Fairchild's Ultra High Speed Series of TinyLogic.
The device is fabricated with advanced CMOS technol-
ogy to achieve ultra high speed with high output drive
while maintaining low static power dissipation over a
very broad VCC operating range. The device is specified
to operate over the 1.65V to 5.5V range. The inputs and
output are high impedance above ground when VCC is
0V. Inputs tolerate voltages up to 6V independent of VCC
operating voltage. The output tolerates voltages above
VCC in the 3-STATE condition.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order
Number
Package
Number
Product Code
Top Mark
Package Description
Supplied As
NC7SZ126M5X
MA05B
7Z26
5-Lead SOT23, JEDEC MO-178,
1.6mm
3k Units on Tape and Reel
NC7SZ126P5X
MAA05A
Z26
5-Lead SC70, EIAJ SC-88a,
1.25mm Wide
3k Units on Tape and Reel
NC7SZ126L6X
MAC06A
FF
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel


同様の説明 - 7Z26

メーカー部品番号データシート部品情報
logo
Pericom Semiconductor C...
PI74ST1G125 PERICOM-PI74ST1G125 Datasheet
556Kb / 6P
   Buffer with 3-State Output
logo
Renesas Technology Corp
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
   Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ125AFE TOSHIBA-TC7SZ125AFE_07 Datasheet
139Kb / 6P
   Bus Buffer with 3-STATE Output
logo
ON Semiconductor
NL17SG126 ONSEMI-NL17SG126 Datasheet
127Kb / 11P
   Bus Buffer with 3-State Output
July, 2014 ??Rev. 5
logo
Toshiba Semiconductor
TC7SG126AFS TOSHIBA-TC7SG126AFS Datasheet
194Kb / 8P
   Bus Buffer with 3-STATE Output
2009-09-18
logo
Pericom Semiconductor C...
PI74ST1G126 PERICOM-PI74ST1G126 Datasheet
336Kb / 5P
   Logic Buffer with 3-State Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE Datasheet
166Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FU TOSHIBA-TC7SG125FU Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ126AFE TOSHIBA-TC7SZ126AFE Datasheet
138Kb / 6P
   Bus Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com