データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHCT4051DT データシート(PDF) 5 Page - Motorola, Inc

部品番号 MC74VHCT4051DT
部品情報  Analog Multiplexer Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74VHCT4051DT データシート(HTML) 5 Page - Motorola, Inc

  MC74VHCT4051DT Datasheet HTML 1Page - Motorola, Inc MC74VHCT4051DT Datasheet HTML 2Page - Motorola, Inc MC74VHCT4051DT Datasheet HTML 3Page - Motorola, Inc MC74VHCT4051DT Datasheet HTML 4Page - Motorola, Inc MC74VHCT4051DT Datasheet HTML 5Page - Motorola, Inc MC74VHCT4051DT Datasheet HTML 6Page - Motorola, Inc MC74VHCT4051DT Datasheet HTML 7Page - Motorola, Inc MC74VHCT4051DT Datasheet HTML 8Page - Motorola, Inc MC74VHCT4051DT Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC74VHCT4051
VHC Data – Advanced CMOS Logic
DL203 — Rev 2
5
MOTOROLA
ADDITIONAL APPLICATION CHARACTERISTICS (GND = 0 V)
Sb l
P
Cdi i
VCC
Limit*
Ui
Symbol
Parameter
Condition
VCC
V
25
°C
Unit
BW
Maximum On–Channel Bandwidth
or Minimum Frequency Response
fin = 1MHz Sine Wave; Adjust fin Voltage to Obtain
0dBm at VOS; Increase fi Frequency Until dB Meter
30
MHz
or Minimum Frequency Response
(Figure 6)
0dBm at VOS; Increase fin Frequency Until dB Meter
Reads –3dB;
RL = 50Ω, CL = 10pF
3.0
4.50
6.00
80
80
80
Off–Channel Feedthrough Isolation
(Figure 7)
fin = Sine Wave; Adjust fin Voltage to Obtain 0dBm at
VIS
fin = 10kHz, RL = 600Ω, CL = 50pF
3.0
4.50
6.00
–50
–50
–50
dB
fin = 1.0MHz, RL = 50Ω, CL = 10pF
3.0
4.50
6.00
–40
–40
–40
Feedthrough Noise.
Channel–Select Input to Common
I/O (Figure 8)
Vin ≤ 1MHz Square Wave (tr = tf = 3ns); Adjust RL at
Setup so that IS = 0A;
Enable = GND
RL = 600Ω, CL = 50pF
3.0
4.50
6.00
25
105
135
mVPP
RL = 10kΩ, CL = 10pF
3.0
4.50
6.00
35
145
190
Crosstalk Between Any Two
Switches (Figure 12)
fin = Sine Wave; Adjust fin Voltage to Obtain 0dBm at
VIS
fin = 10kHz, RL = 600Ω, CL = 50pF
3.0
4.50
6.00
–50
–50
–50
dB
fin = 1.0MHz, RL = 50Ω, CL = 10pF
3.0
4.50
6.00
–60
–60
–60
THD
Total Harmonic Distortion
(Figure 14)
fin = 1kHz, RL = 10kΩ, CL = 50pF
THD = THDmeasured – THDsource
VIS = 2.0VPP sine wave
VIS = 4.0VPP sine wave
VIS = 5.5VPP sine wave
3.0
4.50
6.00
0.10
0.08
0.05
%
* Limits not tested. Determined by design and verified by qualification.
Figure 1a. Typical On Resistance, VCC = 2.0 V
Figure 1b. Typical On Resistance, VCC = 3.0 V
250
200
150
100
50
0
0.25
0.50
0.75
1.0
1.25
1.5
1.75
2.0
2.25
VIS, INPUT VOLTAGE (VOLTS)
100
80
60
40
20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.5
VIS, INPUT VOLTAGE (VOLTS)
25
°C
–55
°C
125
°C
25
°C
–55
°C
125
°C
4.0
TBD
TBD


同様の部品番号 - MC74VHCT4051DT

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74VHCT00A MOTOROLA-MC74VHCT00A Datasheet
134Kb / 5P
   Quad 2-Input NAND Gate
logo
ON Semiconductor
MC74VHCT00A ONSEMI-MC74VHCT00A Datasheet
207Kb / 7P
   Quad 2-Input NAND Gate
March, 2006 -- Rev. 3
MC74VHCT00A ONSEMI-MC74VHCT00A Datasheet
95Kb / 8P
   Quad 2-Input NAND Gate
October, 2014 ??Rev. 6
MC74VHCT00A ONSEMI-MC74VHCT00A Datasheet
260Kb / 10P
   Quad 2-Input NAND Gate
February, 2020 ??Rev. 7
logo
Motorola, Inc
MC74VHCT00AD MOTOROLA-MC74VHCT00AD Datasheet
134Kb / 5P
   Quad 2-Input NAND Gate
More results

同様の説明 - MC74VHCT4051DT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com