データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHCT4051DT データシート(PDF) 9 Page - Motorola, Inc

部品番号 MC74VHCT4051DT
部品情報  Analog Multiplexer Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74VHCT4051DT データシート(HTML) 9 Page - Motorola, Inc

Back Button MC74VHCT4051DT Datasheet HTML 4Page - Motorola, Inc MC74VHCT4051DT Datasheet HTML 5Page - Motorola, Inc MC74VHCT4051DT Datasheet HTML 6Page - Motorola, Inc MC74VHCT4051DT Datasheet HTML 7Page - Motorola, Inc MC74VHCT4051DT Datasheet HTML 8Page - Motorola, Inc MC74VHCT4051DT Datasheet HTML 9Page - Motorola, Inc MC74VHCT4051DT Datasheet HTML 10Page - Motorola, Inc MC74VHCT4051DT Datasheet HTML 11Page - Motorola, Inc MC74VHCT4051DT Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC74VHCT4051
VHC Data – Advanced CMOS Logic
DL203 — Rev 2
9
MOTOROLA
RL
Figure 12. Crosstalk Between Any Two
Switches, Test Set–Up
Figure 13. Power Dissipation Capacitance,
Test Set–Up
Figure 14a. Total Harmonic Distortion, Test Set–Up
Figure 14b. Plot, Harmonic Distortion
0
–10
–20
–30
–40
–50
– 100
1.0
2.0
3.125
FREQUENCY (kHz)
–60
–70
–80
–90
FUNDAMENTAL FREQUENCY
DEVICE
SOURCE
ON
6
8
16
CL*
*Includes all probe and jig capacitance
OFF
RL
RL
VIS
RL
CL*
VOS
fin
0.1
µF
ON/OFF
6
8
16
VCC
CHANNEL SELECT
NC
COMMON O/I
OFF/ON
ANALOG I/O
VCC
A
11
VCC
ON
6
8
16
VCC
0.1
µF
CL*
fin
RL
TO
DISTORTION
METER
*Includes all probe and jig capacitance
VOS
VIS
APPLICATIONS INFORMATION
The Channel Select and Enable control pins should be at
VCC or GND logic levels. VCC being recognized as a logic
high and GND being recognized as a logic low. In this exam-
ple:
VCC = +5V = logic high
GND = 0V = logic low
The maximum analog voltage swing is determined by the
supply voltage VCC. The positive peak analog voltage should
not exceed VCC. Similarly, the negative peak analog voltage
should not go below GND. In this example, the difference
between VCC and GND is five volts. Therefore, using the
configuration of Figure 15, a maximum analog signal of five
volts peak–to–peak can be controlled. Unused analog
inputs/outputs may be left floating (i.e., not connected). How-
ever, tying unused analog inputs and outputs to VCC or GND
through a low value resistor helps minimize crosstalk and
feedthrough noise that may be picked up by an unused
switch.
Although used here, balanced supplies are not a require-
ment. The only constraints on the power supplies are that:
VCC – GND = 2 to 6 volts
When voltage transients above VCC and/or below GND
are anticipated on the analog channels, external Germanium
or Schottky diodes (Dx) are recommended as shown in Fig-
ure 16. These diodes should be able to absorb the maximum
anticipated current surges during clipping.


同様の部品番号 - MC74VHCT4051DT

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74VHCT00A MOTOROLA-MC74VHCT00A Datasheet
134Kb / 5P
   Quad 2-Input NAND Gate
logo
ON Semiconductor
MC74VHCT00A ONSEMI-MC74VHCT00A Datasheet
207Kb / 7P
   Quad 2-Input NAND Gate
March, 2006 -- Rev. 3
MC74VHCT00A ONSEMI-MC74VHCT00A Datasheet
95Kb / 8P
   Quad 2-Input NAND Gate
October, 2014 ??Rev. 6
MC74VHCT00A ONSEMI-MC74VHCT00A Datasheet
260Kb / 10P
   Quad 2-Input NAND Gate
February, 2020 ??Rev. 7
logo
Motorola, Inc
MC74VHCT00AD MOTOROLA-MC74VHCT00AD Datasheet
134Kb / 5P
   Quad 2-Input NAND Gate
More results

同様の説明 - MC74VHCT4051DT

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com