データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EP2C8A15F324C7ES データシート(PDF) 22 Page - Altera Corporation

部品番号 EP2C8A15F324C7ES
部品情報  Cyclone II Device Family
Download  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALTERA [Altera Corporation]
ホームページ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A15F324C7ES データシート(HTML) 22 Page - Altera Corporation

Back Button EP2C8A15F324C7ES Datasheet HTML 18Page - Altera Corporation EP2C8A15F324C7ES Datasheet HTML 19Page - Altera Corporation EP2C8A15F324C7ES Datasheet HTML 20Page - Altera Corporation EP2C8A15F324C7ES Datasheet HTML 21Page - Altera Corporation EP2C8A15F324C7ES Datasheet HTML 22Page - Altera Corporation EP2C8A15F324C7ES Datasheet HTML 23Page - Altera Corporation EP2C8A15F324C7ES Datasheet HTML 24Page - Altera Corporation EP2C8A15F324C7ES Datasheet HTML 25Page - Altera Corporation EP2C8A15F324C7ES Datasheet HTML 26Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 168 page
background image
2–10
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2007
MultiTrack Interconnect
A LAB-wide asynchronous load signal to control the logic for the
register’s preset signal is not available. The register preset is achieved by
using a NOT gate push-back technique. Cyclone II devices can only
support either a preset or asynchronous clear signal.
In addition to the clear port, Cyclone II devices provide a chip-wide reset
pin (DEV_CLRn) that resets all registers in the device. An option set before
compilation in the Quartus II software controls this pin. This chip-wide
reset overrides all other control signals.
MultiTrack
Interconnect
In the Cyclone II architecture, connections between LEs, M4K memory
blocks, embedded multipliers, and device I/O pins are provided by the
MultiTrack interconnect structure with DirectDrive™ technology. The
MultiTrack interconnect consists of continuous, performance-optimized
routing lines of different speeds used for inter- and intra-design block
connectivity. The Quartus II Compiler automatically places critical paths
on faster interconnects to improve design performance.
DirectDrive technology is a deterministic routing technology that ensures
identical routing resource usage for any function regardless of placement
within the device. The MultiTrack interconnect and DirectDrive
technology simplify the integration stage of block-based designing by
eliminating the re-optimization cycles that typically follow design
changes and additions.
The MultiTrack interconnect consists of row (direct link, R4, and R24) and
column (register chain, C4, and C16) interconnects that span fixed
distances. A routing structure with fixed-length resources for all devices
allows predictable and repeatable performance when migrating through
different device densities.
Row Interconnects
Dedicated row interconnects route signals to and from LABs, PLLs, M4K
memory blocks, and embedded multipliers within the same row. These
row resources include:
Direct link interconnects between LABs and adjacent blocks
R4 interconnects traversing four blocks to the right or left
R24 interconnects for high-speed access across the length of the
device


同様の部品番号 - EP2C8A15F324C7ES

メーカー部品番号データシート部品情報
logo
Altera Corporation
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C6ES ALTERA-EP2C8AQ324C6ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C6N ALTERA-EP2C8AQ324C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8AQ324C7ES ALTERA-EP2C8AQ324C7ES Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
More results

同様の説明 - EP2C8A15F324C7ES

メーカー部品番号データシート部品情報
logo
Altera Corporation
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256I8N ALTERA-EP2C5F256I8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP3C10U256C6N ALTERA-EP3C10U256C6N Datasheet
7Mb / 274P
   Cyclone III Device Family Overview
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com