データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4001 データシート(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

部品番号 1N4001
部品情報  General Purpose Rectifiers Standard Recovery Plastic Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
ホームページ  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

1N4001 データシート(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  1N4001 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N4001 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
August 2007 Release / A
Page 1
Preliminary Data Sheet
General Purpose Rectifiers
Standard Recovery Plastic Silicon Rectifiers
Specification Features:
Case: Epoxy, Molded
Weight: 0.4 gram (approximately)
Finish: All External Surfaces Corrosion Resistant And Terminal Leads Are
Readily Solderable
Lead And Mounting Surface Temperature For Soldering Purposed:
260℃ Max. For 10 Seconds 1.16 Inch From Case
RoHS Compliant
Low Reverse Leakage, High Forward Surge Capability
Cathode Indicated By Polarity Band
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Symbol
1N4001
1N4002
1N4003
1N4004
1N4005
1N4006
1N4007
Units
Maximum Repetitive Peak
Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum DC Blocking Voltage
VR
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectifier Current.
(0.375” Lead Length @ TA=75℃)
IF(AV)
1.0
A
Non-repetitive Peak Forward
Surge Current.
(8.3mS Single Half Sine-wave)
IFSM
30
A
Operating Junction and Storage
Temperature Range
TJ, TSTG
-65 to +175
°C
Thermal Resistance
(Junction to Ambient)
RθJA
65
°C/W
Electrical Characteristics
TA = 25°C unless otherwise noted
Parameter
Symbol
1N4001
1N4002
1N4003
1N4004
1N4005
1N4006
1N4007
Units
Reverse Current @VR
IR
5
uA
Forward Voltage @1A
VF
1.1
V
Total Capacitance
@VR=4V, f=1MHz
CT
15
pF
AXIAL LEAD
DO-41
DEVICE MARKING DIAGRAM
1N4001
: Device Name 1N4001~1N4007
KEL
: KEL Logo


同様の部品番号 - 1N4001

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4001 DIODES-1N4001 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Yixinwei Techn...
1N4001 YIXIN-1N4001 Datasheet
248Kb / 2P
   1.0 AMP SILICON RECTIFIERS
More results

同様の説明 - 1N4001

メーカー部品番号データシート部品情報
logo
SEMTECH ELECTRONICS LTD...
1N5391S SEMTECH_ELEC-1N5391S Datasheet
178Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIERS
10A05 SEMTECH_ELEC-10A05 Datasheet
81Kb / 1P
   GENERAL PURPOSE PLASTIC RECTIFIERS
logo
GOOD-ARK Electronics
P300A GOOD-ARK-P300A Datasheet
191Kb / 2P
   General Purpose Plastic Rectifiers
logo
SEMTECH ELECTRONICS LTD...
RL201 SEMTECH_ELEC-RL201 Datasheet
208Kb / 1P
   GENERAL PURPOSE PLASTIC RECTIFIERS
logo
Rectron Semiconductor
FM3000 RECTRON-FM3000 Datasheet
217Kb / 7P
   GENERAL-PURPOSE PLASTIC RECTIFIERS
logo
Shanghai Leiditech Elec...
RL201 LEIDITECH-RL201 Datasheet
530Kb / 2P
   General-purpose Plastic Rectifiers
logo
Continental Device Indi...
1N5400 CDIL-1N5400 Datasheet
326Kb / 4P
   GENERAL PURPOSE PLASTIC RECTIFIERS
logo
Cystech Electonics Corp...
RL201 CYSTEKEC-RL201 Datasheet
202Kb / 3P
   General Purpose Plastic Rectifiers
logo
SEMTECH ELECTRONICS LTD...
2A01 SEMTECH_ELEC-2A01 Datasheet
242Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIERS
RL251 SEMTECH_ELEC-RL251 Datasheet
209Kb / 1P
   GENERAL PURPOSE PLASTIC RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com