データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM3-012.96M データシート(PDF) 3 Page - Connor-Winfield Corporation

部品番号 SM3-012.96M
部品情報  ULTRA MINIATURE STRATUM 3 MODULE
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CONNOR-WINFIELD [Connor-Winfield Corporation]
ホームページ  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM3-012.96M データシート(HTML) 3 Page - Connor-Winfield Corporation

  SM3-012.96M Datasheet HTML 1Page - Connor-Winfield Corporation SM3-012.96M Datasheet HTML 2Page - Connor-Winfield Corporation SM3-012.96M Datasheet HTML 3Page - Connor-Winfield Corporation SM3-012.96M Datasheet HTML 4Page - Connor-Winfield Corporation SM3-012.96M Datasheet HTML 5Page - Connor-Winfield Corporation SM3-012.96M Datasheet HTML 6Page - Connor-Winfield Corporation SM3-012.96M Datasheet HTML 7Page - Connor-Winfield Corporation SM3-012.96M Datasheet HTML 8Page - Connor-Winfield Corporation SM3-012.96M Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet #: TM052
Page 3 of 36
Rev: 03
Date: 11/07/08
© Copyright 2008 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Specifications for Ultra Miniature Stratum 3
Table 1
Parameter
Specification
Voltage
3.3V ± 5%
Power
< 500 mW
Operating Temp Range
0° - 70°C
Reference Frequency 1, 2, 3, 4
8 kHz - 77.76 MHz (Auto Detected)
CMOS Output Frequency #1
12.96 MHz - 77.76 MHz
M/S Output
8 kHz
BITS_Clk
1.544/2.048 MHz (Selectable)
Master/Slave Input Reference
8 kHz - 77.76 MHz
Input Reference Pulse Width
10 ns Min @ 8 kHz, 5 ns Min @ >8 kHz
Reference Qualification Time
10 sec.
Input Capacitance (LVCMOS)
10 pF
Output Drive Levels (LVCMOS)
Source Current: 7 mA, Sink Current: 10 mA
Free Run Accuracy
4.6 ppm
Hold Over Accuracy
0.37 ppm
Dimensions
1.45 x 1.0 x 0.25 inches (36.83 x 25.4 x 6.35 mm)
Pin Description
Table 2
Pin #
I/O
Pin Name
Pin Description
1
O
LOS
Alarm output - Loss of Active Reference Signal
2
O
LOL
Alarm Output - Loss of Lock
3
I
M/S REF
Master/Slave reference input – 8 kHz to 77.76 MHz auto detected
4
I
REF1
Reference Input 1 – 8 kHz to 77.76 MHz auto detected
5
I
REF2
Reference Input 2 – 8 kHz to 77.76 MHz auto detected
6
I
REF3
Reference Input 3 – 8 kHz to 77.76 MHz auto detected
7
I
REF4
Reference Input 4 – 8 kHz to 77.76 MHz auto detected
8
TDI
JTAG TDI pin
9
TMS
JTAG TMS pin
10
TRST
JTAG TRST pin
11
O
BITS_CLK
1.544 or 2.048 MHz output selected by pin 16
12
O
M/S_OUT
Master/Slave 8 kHz output
13
O
OUTPUT1
Synchronous Primary Output
14
I
VPP
Positive Programming Supply Pin. During normal operation it is
recommended to float this pin.
15
I
VPN
Negative Programming Supply Pin. During normal operation it is
recommended to float this pin.
16
I
T1/E1
BITS_CLK select input – 1=1.544 MHz, 0=2.048 MHz
17
O
HOLD_GOOD
Holdover Good Output Flag – 1=Holdover Available
18
TDO
JTAG TDO pin
19
TCK
JTAG TCK pin
20
GND
Module Ground
21
I
SPI_CLK
SPI Port Clock input
22
I
SPI_IN
SPI Port Data input
23
VCC
3.3 Vdc VCC Supply Input
24
I
SPI_ENBL
SPI Port Enable input – Active Low
25
I
RESET
Module Reset – Active Low, 10 ms Hold time
26
O
SPI_OUT
SPI Port Data Output
27
O
SPI_INT
SPI Port Interrupt Output – Active Low
28
I
MASTER SELECT
Master/Slave select input – 1=Master, 0=Slave


同様の部品番号 - SM3-012.96M

メーカー部品番号データシート部品情報
logo
Connor-Winfield Corpora...
SM3-8RG5 CONNOR-WINFIELD-SM3-8RG5 Datasheet
616Kb / 32P
   8 REFERENCE STRATUM 3 MODULE
logo
List of Unclassifed Man...
SM3-9WE ETC2-SM3-9WE Datasheet
124Kb / 4P
   Cable Marker
logo
Connor-Winfield Corpora...
SM3-ITG CONNOR-WINFIELD-SM3-ITG Datasheet
667Kb / 32P
   ULTRA MINIATURE STRATUM 3 MODULE
More results

同様の説明 - SM3-012.96M

メーカー部品番号データシート部品情報
logo
Connor-Winfield Corpora...
SM3G CONNOR-WINFIELD-SM3G Datasheet
1Mb / 36P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3-ITG CONNOR-WINFIELD-SM3-ITG Datasheet
667Kb / 32P
   ULTRA MINIATURE STRATUM 3 MODULE
SM3E CONNOR-WINFIELD-SM3E Datasheet
389Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
SM3E CONNOR-WINFIELD-SM3E_15 Datasheet
981Kb / 36P
   ULTRA MINIATURE STRATUM 3E MODULE
logo
EUROQUARTZ limited
YH1440 EUROQUARTZ-YH1440 Datasheet
84Kb / 1P
   Miniature Package - Stratum 3 Compliant
logo
Connor-Winfield Corpora...
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2F1 CONNOR-WINFIELD-MSTM-S3-T2F1 Datasheet
884Kb / 16P
   Stratum 3 Timing Module
STL-S3 CONNOR-WINFIELD-STL-S3 Datasheet
1Mb / 24P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-IT3 CONNOR-WINFIELD-MSTM-S3-IT3 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com