データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1024VOA データシート(PDF) 4 Page - TelCom Semiconductor, Inc

部品番号 TC1024VOA
部品情報  PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS WITH SHUTDOWN MODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELCOM [TelCom Semiconductor, Inc]
ホームページ  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1024VOA データシート(HTML) 4 Page - TelCom Semiconductor, Inc

  TC1024VOA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1024VOA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1024VOA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1024VOA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1024VOA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1024VOA Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TC1023
TC1024
PRECISION TEMPERATURE-TO-VOLTAGE
CONVERTERS WITH SHUTDOWN MODE
PRELIMINARY INFORMATION
TC1023/1024-05 6/12/97
Figure 5. Output Voltage vs. Temperature
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
– 0.1
– 0.2
– 40
TEMPERATURE (
°C)
– 30
– 20
–10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
TC1024
TC1023
TC1023: VOUT = (10mV/°C) (Temperature °C)
TC1024: VOUT = (10mV/°C) (Temperature °C) + 500mV


同様の部品番号 - TC1024VOA

メーカー部品番号データシート部品情報
logo
ACE Technology Co., LTD...
TC102-63 ACE-TC102-63 Datasheet
106Kb / 2P
   TUBUS-Series Type TC Profile Damper for Crane Equipment
logo
TelCom Semiconductor, I...
TC1025 TELCOM-TC1025 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
logo
Microchip Technology
TC1025 MICROCHIP-TC1025 Datasheet
285Kb / 16P
   Linear Building Block - Dual Low Power Comparator
2005
logo
Cornell Dubilier Electr...
TC10251 CDE-TC10251 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
Microchip Technology
TC1025CEOA MICROCHIP-TC1025CEOA Datasheet
285Kb / 16P
   Linear Building Block - Dual Low Power Comparator
2005
More results

同様の説明 - TC1024VOA

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC02 TELCOM-TC02 Datasheet
149Kb / 7P
   PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
   Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
   Precision Voltage-to-Frequency Converters
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
TC1047AVNBTR MICROCHIP-TC1047AVNBTR Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC1047VNBTR MICROCHIP-TC1047VNBTR Datasheet
140Kb / 12P
   Precision Temperature-to-Voltage Converter
04/20/05
TC1047 MICROCHIP-TC1047 Datasheet
410Kb / 12P
   Precision Temperature-to-Voltage Converter
2002
logo
Analog Devices
ADR392ART-REEL AD-ADR392ART-REEL Datasheet
431Kb / 20P
   Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com