データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1044S データシート(PDF) 7 Page - TelCom Semiconductor, Inc

部品番号 TC1044S
部品情報  CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELCOM [TelCom Semiconductor, Inc]
ホームページ  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1044S データシート(HTML) 7 Page - TelCom Semiconductor, Inc

  TC1044S Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1044S Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1044S Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1044S Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1044S Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1044S Datasheet HTML 6Page - TelCom Semiconductor, Inc TC1044S Datasheet HTML 7Page - TelCom Semiconductor, Inc TC1044S Datasheet HTML 8Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-49
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Figure 10. Positive Voltage Conversion
1
2
3
4
8
7
6
5
+
VOUT = –V
10µF
+
1 M
V– INPUT
C1
10µF
TC1044S
Figure 11. Splitting a Supply in Half
+
+
RL1
RL2
VOUT =
V + –V –
2
50
µF
100
k
100
k
50
µF
V +
V –
50 µF
+
1 M
1
2
8
7
TC1044S
3
4
6
5
TYPICAL CHARACTERISTICS
Unloaded Osc Freq vs. Temperature
12
10
0
2
4
6
8
-40
-20
0
20
40
100
60
80
TEMPERATURE (
°C)
VIN = 12V
VIN = 5V
Unloaded Osc Freq vs. Temperature
with Boost Pin = VIN
60
50
0
10
20
30
40
-40
-20
0
20
40
100
60
80
TEMPERATURE (
°C)
VIN = 12V
VIN = 5V
Supply Current vs. Temperature
(with Boost Pin = VIN)
1000
0
200
400
600
800
-40
-20
0
20
40
100
60
80
TEMPERATURE (
°C)
VIN = 12V
Without Load
10K Load
Voltage Conversion
101.0
100.5
100.0
99.5
99.0
98.5
98.0
112
11
10
9
8
7
56
4
23
INPUT VOLTAGE VIN (V)
TA = 25°C
VIN = 5V
TC1044S
CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER


同様の部品番号 - TC1044S

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
TC1044SCOA MICROCHIP-TC1044SCOA Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
TC1044SCPA MICROCHIP-TC1044SCPA Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
TC1044SEOA MICROCHIP-TC1044SEOA Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
TC1044SEPA MICROCHIP-TC1044SEPA Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
More results

同様の説明 - TC1044S

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
logo
TelCom Semiconductor, I...
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
logo
TelCom Semiconductor, I...
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662B MICROCHIP-TC7662B Datasheet
92Kb / 11P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
TelCom Semiconductor, I...
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com