データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1427 データシート(PDF) 5 Page - TelCom Semiconductor, Inc

部品番号 TC1427
部品情報  1.2A DUAL HIGH-SPEED MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELCOM [TelCom Semiconductor, Inc]
ホームページ  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1427 データシート(HTML) 5 Page - TelCom Semiconductor, Inc

  TC1427 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1427 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1427 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1427 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1427 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1427 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4-211
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TYPICAL CHARACTERISTICS
550
440
330
220
110
0
57
9
11
13
15
VDD
10,000pF
4700pF
2200pF
Rise Time vs. Supply Voltage
330
264
198
132
66
0
10,000pF
2200pF
4700pF
57
9
11
13
15
VDD
Fall Time vs. Supply Voltage
C = 1000pF
L
tD1
5
7
9
11
13
15
VDD
80
70
60
50
40
30
Delay Time vs. Supply Voltage
tD2
40
32
24
16
8
0
25
45
65
85
105
125
TEMPERATURE (°C)
RISE
t
FALL
t
C = 1000pF
L
V
= +15V
DD
Rise and Fall Times vs. Temperature
C = 1000pF
L
V
= +15V
DD
60
54
48
42
36
0
25
45
65
85
105
125
TEMPERATURE (°C)
D1
t
tD2
Delay Time vs. Temperature
30
24
18
12
6
0
100
520
940
1360
1780
2200
CAPACITIVE LOAD (pF)
500kHz
200kHz
20kHz
C = 1000pF
L
V
= 15V
DD
Supply Current vs. Capacitive Load
CAPACITIVE LOAD (pF)
100
1000
10,000
1000
100
10
10 VDD
5 VDD
15 VDD
Rise Time vs. Capacitive Load
1000
100
10
100
1000
10,000
CAPACITIVE LOAD (pF)
5VDD
10V
DD
Fall Time vs. Capacitive Load
15VDD
C = 1000pF
L
100
80
60
40
20
0
10
100
1000
10,000
V
= 15V
DD
V
= 10V
DD
V
= 5V
DD
FREQUENCY (kHz)
Supply Current vs. Frequency
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
(V)
(V)
(V)
1.2A DUAL HIGH-SPEED MOSFET DRIVERS
TC1426
TC1427
TC1428


同様の部品番号 - TC1427

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1427 MICROCHIP-TC1427 Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1427 MICROCHIP-TC1427 Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
TC1427 MICROCHIP-TC1427 Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1427COA MICROCHIP-TC1427COA Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1427COA MICROCHIP-TC1427COA Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
More results

同様の説明 - TC1427

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1426 MICROCHIP-TC1426 Datasheet
453Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2002
TC1426 MICROCHIP-TC1426_13 Datasheet
768Kb / 16P
   1.2A Dual High-Speed MOSFET Drivers
2001-2012 11/27/12
TC1426 MICROCHIP-TC1426_06 Datasheet
568Kb / 14P
   1.2A Dual High-Speed MOSFET Drivers
2006
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34151 ONSEMI-MC34151_04 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com