データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC14433EPG データシート(PDF) 8 Page - TelCom Semiconductor, Inc

部品番号 TC14433EPG
部品情報  3-1/2 DIGIT A/D CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TELCOM [TelCom Semiconductor, Inc]
ホームページ  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC14433EPG データシート(HTML) 8 Page - TelCom Semiconductor, Inc

Back Button TC14433EPG Datasheet HTML 2Page - TelCom Semiconductor, Inc TC14433EPG Datasheet HTML 3Page - TelCom Semiconductor, Inc TC14433EPG Datasheet HTML 4Page - TelCom Semiconductor, Inc TC14433EPG Datasheet HTML 5Page - TelCom Semiconductor, Inc TC14433EPG Datasheet HTML 6Page - TelCom Semiconductor, Inc TC14433EPG Datasheet HTML 7Page - TelCom Semiconductor, Inc TC14433EPG Datasheet HTML 8Page - TelCom Semiconductor, Inc TC14433EPG Datasheet HTML 9Page - TelCom Semiconductor, Inc TC14433EPG Datasheet HTML 10Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
3-134
TELCOM SEMICONDUCTOR, INC.
3-1/2 DIGIT A/D CONVERTERS
TC14433
TC14433A
APPLICATIONS INFORMATION
Figure 10 is an example of a 3-1/2 digit voltmeter using
the TC14433 with common-anode displays. This system
requires a 2.5V reference. Full-scale may be adjusted to
1.999V or 199.9 mV. Input overrange is indicated by flashing
a display. This display uses LEDs with common anode digit
lines. Power supply for this system is shown as a dual
±5V
supply; however, the TC14433 will operate over a wide
voltage range (see recommended operating conditions,
page 2).
The circuit in Figure 11 shows a 3-1/2 digit LCD voltme-
ter. The 14024B provides the low frequency square wave
signal drive to the LCD backplane. Dual power supplies are
shown here; however, one supply may be used when VSS is
connected to VEE. In this case, VAG must be at least 2.8V
above VEE.
When only segments b and c of the decoder are con-
nected to the 1/2 digit of the display, 4, 0, 7 and 3 appear as 1.
The overrange indication (Q3 = 0 and Q0 = 1) occurs
when the count is greater than 1999; e.g., 1.999V for a
reference of 2V. The underrange indication, useful for auto-
ranging circuits, occurs when the count is less than 180; e.g.,
0.180V for a reference of 2V.
CAUTION
If the most significant digit is connected to a
display other than a "1" only, such as a full
digit display, segments other than b and c must
be disconnected. The BCD to 7-segment
decoder must blank on BCD inputs 1010 to 1111.
Figure 14 is an example of a 3-1/2 digit LED voltmeter
with a minimum of external components (only 11 additional
components). In this circuit, the 14511B provides the seg-
ment drive and the 75492 or 1413 provides sink for digit
current. Display is blanked during the overrange condition.
Figure 13. Demultiplexing for TC14433 BCD Data
D
POL 14042B
C
R
14175B
C
POL 14175B
C
C
14042B POL
POL 14042B
C
C
14042B POL
POL 14175B
C
POL 14175B
C
Q
DS
MULTIPLEXED
BCD
EOC
VDD
VDD
VDD
VDD
VDD
VDD
VDD
1 DS2
DS1 DS2
DS3 DS4
0 D1 D2 D3
D0 D1 D2 D3
D0 D1 D2 D3
D0 D1 D2 D3
0 Q1 Q2 Q3
Q0 Q1 Q2 Q3
Q0 Q1 Q2 Q3
Q0 Q1 Q2 Q3
D
Q
0 D1 D2 D3
0 Q1 Q2 Q3
D0 D1 D2 D3
Q0 Q1 Q2 Q3
D0 D1 D2 D3
Q0 Q1 Q2 Q3
D0 D1 D2 D3
Q0 Q1 Q2 Q3
TRUTH TABLE
Coded Condition
BCD to 7-Segment
of MSD
Q3 Q2 Q1 Q0
Decoding
+0
1
1
1
0
Blank
–0
1
0
1
0
Blank
+0 UR
1
1
1
1
Blank
–0 UR
1
0
1
1
Blank
+1
0
1
0
0
4–1
Hook up
–1
0
0
0
0
0–1
only
+1 OR
0
1
1
1
7–1
segments
–0 OR
0
0
1
1
3–1
b and c
to MSD
NOTES: Q3 — 1/2 digit, low for "1", high for "0"
Q2 — Polarity: "1" = positive, "0" = negative
Q0 — Out of range condition exists if Q0 = 1. When used in
conjunction with Q3, the type of out of range condition is
indicated; i.e., Q3 = 0 → OR or Q3 = 1 → UR.


同様の部品番号 - TC14433EPG

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC14433EPG MICROCHIP-TC14433EPG Datasheet
501Kb / 20P
   3-1/2 Digit, Analog-to-Digital Converter
2002
More results

同様の説明 - TC14433EPG

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC7106 TELCOM-TC7106 Datasheet
296Kb / 19P
   3-1/2 DIGIT A/D CONVERTERS
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
National Semiconductor ...
ADC3511 NSC-ADC3511 Datasheet
286Kb / 9P
   3 1/2 DIGIT MICROPROCESSOR COMPATIBLE A/D
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Renesas Technology Corp
CA3162 RENESAS-CA3162 Datasheet
464Kb / 8P
   A/D Converters for 3-Digit Display
logo
Intersil Corporation
CA3162 INTERSIL-CA3162 Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
CA3162 INTERSIL-CA3162_02 Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com