データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FZT853 データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 FZT853
部品情報  NPN Silicon Planar High Current Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FZT853 データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FZT853 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FZT853 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
SOT-223
Unit: mm
3.00+0.1
-0.1
0.70+0.1
-0.1
2.9
4.6
6.50+0.2
-0.2
3.50+0.2
-0.2
0.90+0.2
-0.2
7.00+0.3
-0.3
12
4
3
1 Base
2 Collector
3 Emitter
4 Collector
NPN Silicon Planar High Current Transistor
FZT853
Features
Extremely low equivalent on-resistance; RCE(sat) 44mÙ at 5A
6 Amps continuous current, up to 20 Amps peak current
Very low saturation voltages
Excellent hFE characteristics specified up to 10 Amps
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
200
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
6V
Peak Pulse Current
ICM
10
A
Continuous Collector Current
IC
6A
Power Dissipation at Tamb=25
Ptot
3W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150


同様の部品番号 - FZT853

メーカー部品番号データシート部品情報
logo
Zetex Semiconductors
FZT853 ZETEX-FZT853 Datasheet
53Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT853 DIODES-FZT853 Datasheet
64Kb / 3P
   SOT223 NPN SILICON PLANAR HIGH CURRENT
FZT853 DIODES-FZT853 Datasheet
254Kb / 12P
   PWM high-efficiency LED driver control IC.
FZT853 DIODES-FZT853 Datasheet
406Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
More results

同様の説明 - FZT853

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
FZT857 KEXIN-FZT857 Datasheet
40Kb / 2P
   NPN Silicon Planar High Current Transistor
logo
GTM CORPORATION
GL358 GTM-GL358 Datasheet
295Kb / 2P
   NPN SILICON PLANAR HIGH CURRENT TRANSISTOR
GL158 GTM-GL158 Datasheet
294Kb / 2P
   NPN SILICON PLANAR HIGH CURRENT TRANSISTOR
logo
Zetex Semiconductors
FZT857 ZETEX-FZT857 Datasheet
142Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
FZT869 ZETEX-FZT869 Datasheet
27Kb / 2P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
FZT849 ZETEX-FZT849 Datasheet
60Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTOR
FZT855 ZETEX-FZT855 Datasheet
516Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE)TRANSISTOR
logo
Guangdong Kexin Industr...
FZT849 KEXIN-FZT849 Datasheet
39Kb / 2P
   NPN Silicon Planar High Current (High Performance) Transistor
FZT851 KEXIN-FZT851 Datasheet
38Kb / 2P
   NPN Silicon Planar High Current (High Performance)Transistor
FZT869 KEXIN-FZT869 Datasheet
39Kb / 2P
   NPN Silicon Planar High Current (High Performance) Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com