データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA8172 データシート(PDF) 2 Page - TEMIC Semiconductors

部品番号 TEA8172
部品情報  TV Vertical Deflection Output Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TEMIC [TEMIC Semiconductors]
ホームページ  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TEA8172 データシート(HTML) 2 Page - TEMIC Semiconductors

  TEA8172 Datasheet HTML 1Page - TEMIC Semiconductors TEA8172 Datasheet HTML 2Page - TEMIC Semiconductors TEA8172 Datasheet HTML 3Page - TEMIC Semiconductors TEA8172 Datasheet HTML 4Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TELEFUNKEN Semiconductors
TEA 8172
2
Rev. A1: 17.07.1995
Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Supply voltage
Pin 2
VS
35
V
Flyback peak voltage
Pins 5 and 6
V5, 6
60
V
Voltage at pin 3
V3
VS
V
Input voltage
Pins 1 and 7
V1, 7
VS
V
Output peak current:
Pin 5
t = 2 ms, non repetitive
f = 50/60 Hz, t
v 10 ms
f = 50/60 Hz, t > 10
ms
IO
2.5
3.0
2.0
A
DC current at pin 3, V5 < V2
I3
100
mA
Flyback current peak to peak,
Pin 3
f= 50/60 Hz, tfly ≤ 1.5 ms
I3
3
A
Power dissipation,
Tcase = 70°C
Ptot
20
W
Storage temperature
Tstg
– 40 to + 150
°C
Junction temperature
Tj
– 40 to + 150
°C
Thermal Resistance
Parameters
Symbol
Maximum
Unit
Junction case
RthJC
3
K/W
Electrical Characteristics
VS = 35 V, Tamb = 25°C, reference point Pin 4 (GND), see test circuits, unless otherwise specified
Parameters
Test Conditions / Pin
Symbol
Min
Typ
Max
Unit
Quiescent current
I3 = 0, IS = 0
Pin 2
I3 = 0, IS = 0
Pin 6
figure 2
I2
I6
8
16
16
36
mA
Input quiescent current
V1 = 1 V
Pin 1
figure 3
–I1
0.1
1
mA
Saturation voltage to GND
I3 = 20 mA
Pin 3
figure 4
V3-4
1
1.5
V
Output voltage
VS = 35 V, Rr = 39 k
W
figure 5
Pin 5
V5
18
V
Saturation voltage to GND
I5 = 0.7 A
Pin 5
I5 = 1.2 A
figure 6
V5-4
0.7
1.0
1.0
1.4
V
Saturation voltage to
supply
I5 = – 0.7 A
Pin 5
I5 = – 1.2 A
figure 7
V5-6
1.3
1.6
1.8
2.2
V
Junction temperature for
thermal shut down
Tj
140
°C


同様の部品番号 - TEA8172

メーカー部品番号データシート部品情報
logo
Surge Components
TEA SURGE-TEA Datasheet
729Kb / 2P
   rohs compliance
logo
RFE international
TEA RFE-TEA Datasheet
187Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS TEA Series: Axial General Purpose
REV 2010.10.10
logo
STMicroelectronics
TEA-2261 STMICROELECTRONICS-TEA-2261 Datasheet
160Kb / 9P
   SWITCH MODE POWER SUPPLY CONTROLLER
June 1992
logo
NEC
TEA-566A NEC-TEA-566A Datasheet
2Mb / 12P
   POWER MOSFET
logo
List of Unclassifed Man...
TEA0652 ETC-TEA0652 Datasheet
153Kb / 2P
   MONOLITHISCHE STEREO IS
More results

同様の説明 - TEA8172

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
TDA4173 TEMIC-TDA4173 Datasheet
71Kb / 6P
   TV Vertical Deflection Output Amplifier
logo
Fairchild Semiconductor
KSC2073 FAIRCHILD-KSC2073 Datasheet
56Kb / 4P
   TV Vertical Deflection Output
KSB546 FAIRCHILD-KSB546 Datasheet
59Kb / 4P
   TV Vertical Deflection Output
KSD401 FAIRCHILD-KSD401 Datasheet
59Kb / 4P
   TV Vertical Deflection Output
KSD401YTU FAIRCHILD-KSD401YTU Datasheet
76Kb / 4P
   TV Vertical Deflection Output
KSD401Y FAIRCHILD-KSD401Y Datasheet
76Kb / 4P
   TV Vertical Deflection Output
logo
STMicroelectronics
TDA2270 STMICROELECTRONICS-TDA2270 Datasheet
134Kb / 7P
   TV VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
Samsung semiconductor
KSB546 SAMSUNG-KSB546 Datasheet
267Kb / 8P
   PNP (TV VERTICAL DEFLECTION OUTPUT)
KSC2073 SAMSUNG-KSC2073 Datasheet
265Kb / 7P
   NPN (TV VERTICAL DEFLECTION OUTPUT)
logo
List of Unclassifed Man...
2SB689 ETC-2SB689 Datasheet
34Kb / 1P
   LOW FREQUENCY POWER AMPLIFIER TV VERTICAL DEFLECTION OUTPUT
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com