データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA1034 データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 2SA1034
部品情報  Silicon PNP Epitaxial Planar Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1034 データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1034 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon PNP Epitaxial Planar Type
2SA1034
Features
Low noise voltage NV.
High forward current transfer ratio hFE.
Mini type package, allowing downsizing of the equipment and automatic
insertion through the tape packing and the magazine packing.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-35
V
Collector-emitter voltage
VCEO
-35
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-50
mA
Peak collector current
ICP
-100
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base voltage
VCBO
IC =-10 ìA, IE =0
-35
V
Collector-emitter voltage
VCEO
IC =-2mA, IB =0
-35
V
Emitter-base voltage
VEBO
IE =-10 ìA, IC =0
-5
V
Base-emitter voltage *
VBE
VCE =-1V, IC = -100 mA
-0.7
-1.0
V
Collector-base cutoff current
ICBO
VCB =-10 V, IE =0
-0.1
ìA
Collector-emitter cutoff current
ICEO
VCE =-10 V, IB =0
-1
ìA
Forward current transfer ratio
hFE
VCE =-5V, IC = -2 mA
180
700
Collector-emitter saturation voltage *
VCE(sat) IC = -100 mA, IB =-10 mA
-0.6
V
Transition frequency
fT
VCB =-5V, IE = 2 mA, f = 200 MHz
200
MHz
VCE =-10 V, IC =-1mA, GV = 80 dB
150
mV
Rg = 100 kÙ, Function =FLAT
* Pulse measurement.
Noise voltage
NV
hFE Classification
Marking
FR
FS
FT
hFE
180
360
260
520
360
700


同様の部品番号 - 2SA1034

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
2SA1034 PANASONIC-2SA1034 Datasheet
51Kb / 3P
   Silicon PNP epitaxial planer type
2SA1034 PANASONIC-2SA1034 Datasheet
50Kb / 3P
   Silicon NPN epitaxial planer type
More results

同様の説明 - 2SA1034

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com