データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1048 データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 2SD1048
部品情報  NPN Epitaxial Planar Silicon Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1048 データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1048 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
NPN Epitaxial Planar Silicon Transistors
2SD1048
Features
Ultrasmall package allows miniaturization in end products.
Large current capacity (IC=0.7A) and low-saturation voltage.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
15
V
Emitter-base voltage
VEBO
5V
Collector current
IC
0.7
A
Collector current (pulse)
ICP
1.5
A
Collector dissipation
PC
200
mW
Jumction temperature
Tj
125
Storage temperature
Tstg
-55to+125
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
IcBO
VCB = 15V , IE =0
0.1
ìA
Emitter cutoff current
IEBO
VEB =4V , IC =0
0.1
ìA
DC current Gain
hFE
VCE =2V , IC = 50mA
200
900
Gain bandwidth product
fT
VCE = 10V , IC = 50mA
250
MHz
Output capacitance
Cob
VCB = 10V , f = 1MHz
8
pF
VCE(sat) IC =5mA , IB = 0.5mA
10
25
mV
VCE(sat) IC = 100mA , IB = 10mA
30
80
mV
Collector-emitter saturation voltage
hFE Classification
Marking
X6X7X8
hFE
200 400
300 600
450 900


同様の部品番号 - 2SD1048

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
2SD1048 SANYO-2SD1048 Datasheet
70Kb / 3P
   For General-Purpose AF Amplifier
logo
ON Semiconductor
2SD1048 ONSEMI-2SD1048 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SD1048-6-TB-E ONSEMI-2SD1048-6-TB-E Datasheet
256Kb / 6P
   Bipolar Transistor
September, 2013
2SD1048-6-TB-E ONSEMI-2SD1048-6-TB-E Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SD1048-6-TB-E ONSEMI-2SD1048-6-TB-E Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
More results

同様の説明 - 2SD1048

メーカー部品番号データシート部品情報
logo
Micro Electronics
MPS6512 MICRO-ELECTRONICS-MPS6512 Datasheet
179Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
   NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
   NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CLD667 CDIL-CLD667 Datasheet
123Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC549 CDIL-BC549 Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CN652 CDIL-CN652 Datasheet
146Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222 CDIL-MPS2222 Datasheet
198Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC300 CDIL-BC300 Datasheet
133Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
First Components Intern...
BC847 FCI-BC847 Datasheet
146Kb / 1P
   NPN Silicon Planar Epitaxial Transistors
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com