データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KMT1117 データシート(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

部品番号 KMT1117
部品情報  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
ホームページ  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KMT1117 データシート(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KMT1117 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KMT1117 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KMT1117 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Integrate Circuit
SOT-223
Unit: mm
3.00+0.1
-0.1
0.70+0.1
-0.1
2.9
4.6
6.50+0.2
-0.2
3.50+0.2
-0.2
0.90+0.2
-0.2
7.00+0.3
-0.3
12
4
3
Features
1.4V maximum dropout at full load current
Fast transient response
Output current limiting
Built-in thermal shutdown
Good noise rejection
3-Terminal Adjustable or Fixed 1.5V, 1.8V, 1.9V,2.5V, 3.3V, 5.0V
Block Diagram
1 Adj(GND)
2 Vout
3Vin
1A Low Dropout Positive Adjustable
or Fixed-Mode Regulator
KMT1117(LMT1117)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
DC Supply Voltage
Vin
-0.3 to 12
V
Power Dissipation
PD
Internally Limited
Thermal Resistance Junction-to-Ambient
JA
117
/W
Thermal Resistance Junction-to-Case *
JC
15
/W
Operating Junction Temperature Range
TOP
0 to +150
Storage Temperature
TST
-65 to +150
* Control Circuitry/Power Transistor


同様の部品番号 - KMT1117

メーカー部品番号データシート部品情報
logo
TDK Electronics
KMT15-51212 TDK-KMT15-51212 Datasheet
688Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
KMT15-51212 TDK-KMT15-51212 Datasheet
523Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
KMT15-51515 TDK-KMT15-51515 Datasheet
688Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
KMT15-51515 TDK-KMT15-51515 Datasheet
523Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
More results

同様の説明 - KMT1117

メーカー部品番号データシート部品情報
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com