データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT86S データシート(PDF) 1 Page - Vishay Siliconix

部品番号 BAT86S
部品情報  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT86S データシート(HTML) 1 Page - Vishay Siliconix

  BAT86S Datasheet HTML 1Page - Vishay Siliconix BAT86S Datasheet HTML 2Page - Vishay Siliconix BAT86S Datasheet HTML 3Page - Vishay Siliconix BAT86S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAT86S
Vishay Telefunken
Rev. 3, 01-Apr-99
1 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85514
Schottky Barrier Diode
Features
D Integrated protection ring against
static discharge
D Very low forward voltage
Applications
Applications where a very low forward voltage
is required
94 9367
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
VR
50
V
Peak forward surge current
tp ≤ 10 ms
IFSM
5
A
Repetitive peak forward current
tp ≤ 1 s
IFRM
500
mA
Forward current
IF
200
mA
Average forward current
PCB mounting, l=4mm;
VRWM=25V, Tamb=50°C
IFAV
200
mA
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
–65...+150
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=4mm, TL=constant
RthJA
320
K/W


同様の部品番号 - BAT86S

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BAT86S VISHAY-BAT86S Datasheet
115Kb / 5P
   Small Signal Schottky Diode
Rev. 1.7, 26-Feb-07
BAT86S VISHAY-BAT86S Datasheet
104Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 23-Jul-10
logo
SUNMATE electronic Co.,...
BAT86S SUNMATE-BAT86S Datasheet
177Kb / 2P
   200mA Surface Mount Schottky Barrier Diodes
logo
Vishay Siliconix
BAT86S VISHAY-BAT86S Datasheet
84Kb / 3P
   Small Signal Schottky Diode
01-Jan-2022
BAT86S-TAP VISHAY-BAT86S-TAP Datasheet
115Kb / 5P
   Small Signal Schottky Diode
Rev. 1.7, 26-Feb-07
More results

同様の説明 - BAT86S

メーカー部品番号データシート部品情報
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com