データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

700-SH データシート(PDF) 6 Page - Allen-Bradley

部品番号 700-SH
部品情報  Solid-State Relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEN-BRADLEY [Allen-Bradley]
ホームページ  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-SH データシート(HTML) 6 Page - Allen-Bradley

  700-SH Datasheet HTML 1Page - Allen-Bradley 700-SH Datasheet HTML 2Page - Allen-Bradley 700-SH Datasheet HTML 3Page - Allen-Bradley 700-SH Datasheet HTML 4Page - Allen-Bradley 700-SH Datasheet HTML 5Page - Allen-Bradley 700-SH Datasheet HTML 6Page - Allen-Bradley 700-SH Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Bulletin 700-SH
Solid-State Relays
56
Approximate Dimensions
Mounting Considerations➊➋➌➍➎
All units are in millimeters unless otherwise indicated. Dimensions are not intended for manufacturing purposes.
➊ The proper mounting orientation of the heat sink is so the heat fins run perpendicular to the floor (vertical) to maximize ventilation flow.
➋ If the fins do not run perpendicular to the floor, a 30% current derating is required.
➌ When attaching a heat sink to Bulletin 700-SH, apply heat conductive grease on the heat sink to maximize heat transfer between the SSR and the heat sink.
Recommended types: Silicon based, Toshiba YG6240; Non-silicon based, AOS company type 53300.
➍ Tighten the SSR panel/heat sink mounting screws to a torque of 0.78…0.98 Nm (6.9…8.7 lb-in).
➎ Tighten the SSR terminal wiring screws as follows M4: 0.98…1.37 Nm (8.67…12.12 lb-in.), M5: 1.57…2.35 Nm (13.89…20.8 lb-in.)
Heat Sinks➏ ➐
➏ Tighten the heat sink mounting screws (M4) to a torque of 0.98…1.37 Nm (8.67…12.12 lb-in).
➐ Heat sink weight: cat. nos. 700-S10 = 200 g, 700-S20 = 400 g, 700-S30 = 560 g
13.8
47.6±0.2
Two, 4.3-dia.
or M4 holes
Load
Input
12
3
4
(-)
(+)
Load
power
supply
Load
25 max.
27 max.
4.5 dia.
Four, M4 x 8
screws
4.5
25
43 max.
58 max. 47.5 44
Operating
indicator
Mounting Holes
Terminal Arrangement/
Internal Connections (Top
View)
Cat. No. 700-SH05…
47.6±0.2
Two, 4.3-dia.
or M4 holes
13.8
25 max.
27 max.
58 min.47.5 44
4.5 dia. Two, M5 x 12 screws
Two,
M 4 x 8
4.5
25
43 max.
Operating
indicator
Mounting Holes
Cat. No. 700-SH40
4.6 dia.
Two, M3 holes
Two, M4 holes
5.6
47.6
77 max.
90±0.3
100 max.
35 30.5 0.3
44 max. 30
5
4.5
6
47 max.
Two, 3.2-dia.
holes
35±0.2
90±0.4
Two, 4.4-dia.
or M4 holes
51 max.
Cat. No. 700-S10
Mounting Holes
4.6 dia.
Two, M3 holes
Two, M4
holes
35 30.5±0.3
47.6
77 max.
90±0.3
100 max.
5.6
30
71 max.
5
100 max.
4.5
75 max.
Two, 3.2-dia. holes
35±0.2
90±0.4
Two, 4.4-dia.
or M4 holes
28
13
Mounting Holes
Cat. No. 700-S20
4.6 dia.
35
47.6
77 max.
5.6
100 max.
100 max.
5
4.5
30
100 max.
90±0.3
Two, 3.2-dia. holes
104 max.
35±0.2
90±0.4
Two, 4.4-dia.
or M4 holes
56±0.3
13
28
Three,
M4
holes
Mounting Holes
Cat. No. 700-S30


同様の部品番号 - 700-SH

メーカー部品番号データシート部品情報
logo
Allen-Bradley
700-S10 ALLEN-BRADLEY-700-S10 Datasheet
463Kb / 5P
   Solid-State Relays
700-S20 ALLEN-BRADLEY-700-S20 Datasheet
463Kb / 5P
   Solid-State Relays
700-SA ALLEN-BRADLEY-700-SA Datasheet
398Kb / 6P
   Solid-State Relays
700-SANY3Z25 ALLEN-BRADLEY-700-SANY3Z25 Datasheet
398Kb / 6P
   Solid-State Relays
700-SAZY5Z25 ALLEN-BRADLEY-700-SAZY5Z25 Datasheet
398Kb / 6P
   Solid-State Relays
More results

同様の説明 - 700-SH

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com