データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

700-SH25HZ25 データシート(PDF) 7 Page - Allen-Bradley

部品番号 700-SH25HZ25
部品情報  Solid-State Relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEN-BRADLEY [Allen-Bradley]
ホームページ  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-SH25HZ25 データシート(HTML) 7 Page - Allen-Bradley

  700-SH25HZ25 Datasheet HTML 1Page - Allen-Bradley 700-SH25HZ25 Datasheet HTML 2Page - Allen-Bradley 700-SH25HZ25 Datasheet HTML 3Page - Allen-Bradley 700-SH25HZ25 Datasheet HTML 4Page - Allen-Bradley 700-SH25HZ25 Datasheet HTML 5Page - Allen-Bradley 700-SH25HZ25 Datasheet HTML 6Page - Allen-Bradley 700-SH25HZ25 Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Bulletin 700-SH
Solid-State Relays
57
Basic Application Considerations
Load Connection
For an AC load, use a power supply rated at 50 or 60 Hz. The maximum operating frequency is 10 Hz.
The Bulletin 700-SH has a built-in varistor for surge/inrush protection of AC loads. If additional suppression is required, connect an external
varistor across the load device terminals. Select a varistor which meets the load voltage condition outlined in the table below.
Zero Cross Function
A SSR with a zero cross function operates when an AC load voltage reaches the zero point or its vicinity. This reduces clicking noises when the load is
switched, and minimizes the influence of an inductive load, such as a lamp, heater, or motor, on the power supply because the inrush current of the load is
reduced. This can also minimize the scale of the inrush current protection circuit.
At a low applied voltage, such as 24V AC, the load current is not fully supplied. When the unit is switched ON, the voltage required to power the unit deprives
the output signal of the necessary voltage level and thus creates loss time. The lower the load voltage is, the greater the loss time is. This condition, however,
will not create any serious problems.
For a DC inductive load, a diode should be connected parallel to the load to absorb the counter electromotive force (OFF) of the load.
Note: For additional details when using Solid-State Relays, refer to pub. 700-AT001A--EN-E, “Solid-State Relay Application Guide" available at
www.theautomationbookstore.com.
Load Voltage
Varistor Voltage
Varistor Surge Resistance
100…120V AC
240…270 V
1000 A min.
200…240V AC
440…470V
380…480V AC
820…1000V
Output (load voltage)
Input
ON
OFF
Loss time
SSR
Input
Load
Load power
supply


同様の部品番号 - 700-SH25HZ25

メーカー部品番号データシート部品情報
logo
Allen-Bradley
700-S10 ALLEN-BRADLEY-700-S10 Datasheet
463Kb / 5P
   Solid-State Relays
700-S20 ALLEN-BRADLEY-700-S20 Datasheet
463Kb / 5P
   Solid-State Relays
700-SA ALLEN-BRADLEY-700-SA Datasheet
398Kb / 6P
   Solid-State Relays
700-SANY3Z25 ALLEN-BRADLEY-700-SANY3Z25 Datasheet
398Kb / 6P
   Solid-State Relays
700-SAZY5Z25 ALLEN-BRADLEY-700-SAZY5Z25 Datasheet
398Kb / 6P
   Solid-State Relays
More results

同様の説明 - 700-SH25HZ25

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com