データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

700-SH40GZ25 データシート(PDF) 2 Page - Allen-Bradley

部品番号 700-SH40GZ25
部品情報  Solid-State Relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEN-BRADLEY [Allen-Bradley]
ホームページ  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-SH40GZ25 データシート(HTML) 2 Page - Allen-Bradley

  700-SH40GZ25 Datasheet HTML 1Page - Allen-Bradley 700-SH40GZ25 Datasheet HTML 2Page - Allen-Bradley 700-SH40GZ25 Datasheet HTML 3Page - Allen-Bradley 700-SH40GZ25 Datasheet HTML 4Page - Allen-Bradley 700-SH40GZ25 Datasheet HTML 5Page - Allen-Bradley 700-SH40GZ25 Datasheet HTML 6Page - Allen-Bradley 700-SH40GZ25 Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Bulletin 700-SH
Solid-State Relays
52
Accessories
➊ For information regarding selection of the proper heat sink for your application, refer to "Heat Sink Size Vs. Load Current" graph on page 54 or "Load Current Vs.
Ambient Temperature Characteristics" on page 55.
Description
Pkg. Qty
Cat. No.
Factory-Stocked Item
Heat Sink— Panel or DIN
Rail Mount ➊
1
700-S10
Heat Sink— Panel or DIN
Rail Mount ➊
1
700-S20
Heat Sink— Panel or DIN
Rail Mount ➊
1
700-S30
DIN Rail Mounting Pack
Standard 35 x 7.5 mm DIN
Rail, 1 meter long, 10 rails
per package. Order must
be for 10 rails or multiples
of 10.
10
199-DR1
Cat No. 700-S10
Cat No. 700-S20
Cat No. 700-S30
Cat No. 199-DR1


同様の部品番号 - 700-SH40GZ25

メーカー部品番号データシート部品情報
logo
Allen-Bradley
700-S10 ALLEN-BRADLEY-700-S10 Datasheet
463Kb / 5P
   Solid-State Relays
700-S20 ALLEN-BRADLEY-700-S20 Datasheet
463Kb / 5P
   Solid-State Relays
700-SA ALLEN-BRADLEY-700-SA Datasheet
398Kb / 6P
   Solid-State Relays
700-SANY3Z25 ALLEN-BRADLEY-700-SANY3Z25 Datasheet
398Kb / 6P
   Solid-State Relays
700-SAZY5Z25 ALLEN-BRADLEY-700-SAZY5Z25 Datasheet
398Kb / 6P
   Solid-State Relays
More results

同様の説明 - 700-SH40GZ25

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com