データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

700-HN116 データシート(PDF) 3 Page - Allen-Bradley

部品番号 700-HN116
部品情報  Solid-State Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEN-BRADLEY [Allen-Bradley]
ホームページ  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-HN116 データシート(HTML) 3 Page - Allen-Bradley

  700-HN116 Datasheet HTML 1Page - Allen-Bradley 700-HN116 Datasheet HTML 2Page - Allen-Bradley 700-HN116 Datasheet HTML 3Page - Allen-Bradley 700-HN116 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Bulletin 700-SF
Solid-State Relays
49
Specifications
➊ With constant current input circuit system, SSR impedance varies with a change in input voltage.
➋ Input impedance reaches its maximum at the operating voltage.
➌ If the SSR operation is continuous ON/OFF, this value should be reduced by 50%. Refer to the “Inrush Current Resistivity” graphs on page 50 for more details.
➍ Refer to "Load Current vs. Ambient Temperature Characteristics" on page 50 for additional load current details.
Control/Input Ratings
Cat. No.
Rated
Control
Voltage
Operating
Control Voltage Range
Impedance
Control Voltage Levels
Pick-up Voltage
Drop-out
Voltage
700-SFZY3Z25
5…24V DC
4…28V DC
15 mA max. ➊
4V DC max.
1V DC min.
700-SFTY3Z24
24V DC
19.2…28.8V DC
2 k
Ω ± 20%
19.2V DC max.
1V DC min.
700-SFNY3Z25
5…24V DC
4…28V DC
1.5 k
Ω + 20%/–10% ➋
4V DC max.
1V DC min.
Load/Output Ratings
Cat. No.
Applicable Load
Rated Load
Voltage
Load Voltage
Range
Continuous Load
Current (Resistive)
Max. Inrush
Current ➌
Min.
Max.➍
700-SFZY3Z25
100…240V AC
75…264V AC
0.1 A
3 A
45 A @50/60 Hz, 1 cycle
700-SFTY3Z24
0.1 A
3 A
700-SFNY3Z25
4…48V DC
3…52.8V DC
0.1 A
3 A
18 A (10 ms)
Characteristics
Cat. No.
700-SFZY3Z25
700-SFTY32...
700-SFNY3Z25
Load Switching Method/Device
Triac
Transistor
Pick-up time
1/2 cycle of load power source +
1 ms max.
1 ms max.
0.5 ms max.
Drop-out time
1/2 of output switching element cycle of load power source + 1 ms max.
2 ms max.
Output ON voltage drop
1.6V (RMS) max.
1.5V max.
Output Leakage current
5 mA max. (at 100V AC);
10 mA max. (at 200V AC)
2.5 mA max. (at 100V AC);
5 mA max. (at 200V AC)
5 mA max. (at 50V DC)
Output VDRM VCEO (V)
600
600
80
Output di/dt (A/uS)
50
50
Output dv/dt (V/uS)
250
250
Output I2t (A2S)
18
18
Output Tj (°C) (max.)
125
125
150
Insulation resistance
100 M
Ω min. (at 500V DC)
Dielectric strength
1,500V AC, 50/60 Hz for 1 min.
Vibration resistance (max.)
10…55 Hz, 1.5 mm double amplitude (10 G)
Shock resistance (max.)
1,000 m/s2 (100 G)
Ambient
temperature
Operating: –30…80
°C (–22…176°F) with no icing or condensation
Storage: –30…100
°C (–22…212°F) with no icing or condensation
Ambient humidity
45…85% (no condensation)
Standards
UL508, CSA C22.2, CE
Weight
Approx. 50 g


同様の部品番号 - 700-HN116

メーカー部品番号データシート部品情報
logo
Allen-Bradley
700-HN114B ALLEN-BRADLEY-700-HN114B Datasheet
391Kb / 5P
   Solid-State Relays
More results

同様の説明 - 700-HN116

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com