データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJ11020 データシート(PDF) 2 Page - Inchange Semiconductor Company Limited

部品番号 MJ11020
部品情報  isc Silicon NPN Darlington Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ11020 データシート(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJ11020 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ11020 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
MJ11020
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 0.1A; IB= 0
200
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 10A; IB= 0.1A
2.0
V
V CE(sat)-2
Collector-Emitter Saturation Voltage
IC= 15A; IB= 0.15A
3.4
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 15A; IB= 0.15A
3.8
V
VBE(on)
Base-Emitter On Voltage
IC= 10A, VCE= 5V
2.8
V
ICEV
Collector Cutoff Current
VCE=200V;VBE(off)=1.5V
VCE=200V;VBE(off)=1.5V;TC=150℃
0.5
5.0
mA
ICEO
Collector Cutoff Current
VCE= 100V; IB= 0
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
2.0
mA
hFE-1
DC Current Gain
IC= 10A, VCE= 5V
400
15000
hFE-2
DC Current Gain
IC= 15A, VCE= 5V
100
COB
Output Capacitance
IE= 0, VCB= 10V; ftest= 0.1MHz
400
pF
Switching Times
td
Delay Time
0.15
μs
tr
Rise Time
1.2
μs
ts
Storage Time
4.4
μs
tf
Fall Time
VCC= 100V; IC= 10A; IB1= 0.1A
VBE(off)= 5V
10
μs
isc Website:www.iscsemi.cn


同様の部品番号 - MJ11020

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
MJ11020 MOSPEC-MJ11020 Datasheet
206Kb / 4P
   POWER TRANSISTORS(15A,150-250V,175W)
logo
Wing Shing Computer Com...
MJ11020 WINGS-MJ11020 Datasheet
21Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
More results

同様の説明 - MJ11020

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
T2142 ISC-T2142 Datasheet
171Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2N6532 ISC-2N6532 Datasheet
150Kb / 2P
   isc Silicon NPN Darlington Power Transistor
TIP140T ISC-TIP140T Datasheet
149Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD985 ISC-KSD985 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD986 ISC-KSD986 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
BDX65B ISC-BDX65B Datasheet
189Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2051 ISC-2SD2051 Datasheet
263Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2091 ISC-2SD2091 Datasheet
259Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD1566 ISC-2SD1566 Datasheet
271Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD460 ISC-2SD460 Datasheet
249Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD605 ISC-2SD605 Datasheet
251Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com