データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BY228 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 BY228
部品情報  Silicon Mesa Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY228 データシート(HTML) 1 Page - Vishay Siliconix

  BY228 Datasheet HTML 1Page - Vishay Siliconix BY228 Datasheet HTML 2Page - Vishay Siliconix BY228 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BY228
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
1 (3)
Document Number 86003
Silicon Mesa Rectifier
Features
D Glass passivated junction
D Hermetically sealed package
Applications
High voltage rectifier
Efficiency diode in horizontal deflection circuits
94 9588
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
=Repetitive peak reverse voltage
VR=VRRM
1500
V
Peak forward surge current
tp=10ms,
half sinewave
IFSM
50
A
Average forward current
IFAV
3
A
Junction temperature
Tj
140
°C
Storage temperature range
Tstg
–55...+150
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on PC board with spacing 37.5mm
RthJA
70
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=5A
VF
1.5
V
Reverse current
VR=1500V
IR
2
5
mA
VR=1500V, Tj=140°C
IR
140
mA
Total reverse recovery time
IF=1A, –diF/dt=0.05A/ms
trr
20
ms


同様の部品番号 - BY228

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BY228 PHILIPS-BY228 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 26
logo
Vishay Siliconix
BY228 VISHAY-BY228 Datasheet
123Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
logo
General Semiconductor
BY228 GE-BY228 Datasheet
52Kb / 2P
   CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Gulf Semiconductor
BY228 GULFSEMI-BY228 Datasheet
144Kb / 2P
   SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.5A
logo
Vishay Siliconix
BY228 VISHAY-BY228 Datasheet
102Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
More results

同様の説明 - BY228

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BYT40Y VISHAY-BYT40Y Datasheet
41Kb / 4P
   Silicon Mesa Rectifier
Rev. 2, 24-Jun-98
BYT62 VISHAY-BYT62 Datasheet
37Kb / 3P
   Silicon Mesa Rectifier
Rev. 2, 24-Jun-98
BY527 VISHAY-BY527 Datasheet
49Kb / 4P
   Silicon Mesa Rectifier
Rev. 2, 24-Jun-98
BYG10 VISHAY-BYG10 Datasheet
59Kb / 5P
   Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
Shenzhen Taychipst Elec...
BYG10D TAYCHIPST-BYG10D Datasheet
3Mb / 2P
   Silicon Mesa SMD Rectifier
logo
Vishay Siliconix
S420D VISHAY-S420D Datasheet
49Kb / 4P
   Silicon Mesa SMD Rectifier
Rev. 2, 24-Jun-98
BYG21 VISHAY-BYG21 Datasheet
58Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
BYG23M VISHAY-BYG23M Datasheet
54Kb / 4P
   Fast Silicon Mesa SMD Rectifier
Rev. 1, 13-Aug-99
BYW178 VISHAY-BYW178 Datasheet
45Kb / 4P
   Very Fast Silicon Mesa Rectifier
Rev. 2, 24-Jun-98
logo
Shenzhen Taychipst Elec...
BYG20D TAYCHIPST-BYG20D Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com