データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZW03D33 データシート(PDF) 4 Page - Vishay Siliconix

部品番号 BZW03D33
部品情報  Silicon Z-Diodes and Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZW03D33 データシート(HTML) 4 Page - Vishay Siliconix

  BZW03D33 Datasheet HTML 1Page - Vishay Siliconix BZW03D33 Datasheet HTML 2Page - Vishay Siliconix BZW03D33 Datasheet HTML 3Page - Vishay Siliconix BZW03D33 Datasheet HTML 4Page - Vishay Siliconix BZW03D33 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BZW03D...
Vishay Telefunken
Rev. 2, 01-Apr-99
4 (5)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85603
Characteristics (Tj = 25_C unless otherwise specified)
37.5
50
3
2
50
7
94 9087
Figure 1. Epoxy glass hard tissue, board
thickness 1.5 mm, RthJAx70 K/W
0
0
2
4
6
8
95 9608
40
80
120
160
Tamb – Ambient Temperature ( °C )
200
ll
TL=constant
l=10mm
see Fig.1
15mm
20mm
Figure 2. Total Power Dissipation vs.
Ambient Temperature
0
0.5
1.0
1.5
0
1
2
3
4
6
2.0
95 9609
VF – Forward Voltage ( V )
5
Tj =25°C
Figure 3. Forward Current vs. Forward Voltage
0.01
0.1
1
10
10
100
1000
10000
tp – Pulse Length ( ms )
100
95 9610
tp
Tj =25°C
Figure 4. Non Repetitive Surge Power Dissipation vs.
Pulse Length
Dimensions in mm
Cathode Identification
∅ 4.3 max.
∅ 1.35 max.
4.2 max.
Sintered Glass Case
SOD 64
Weight max. 1.0 g
technical drawings
according to DIN
specifications
94 9587
26 min.
26 min.


同様の部品番号 - BZW03D33

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BZW03D33 VISHAY-BZW03D33 Datasheet
122Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Apr-05
BZW03D33 VISHAY-BZW03D33 Datasheet
101Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
logo
New Jersey Semi-Conduct...
BZW03D33 NJSEMI-BZW03D33 Datasheet
269Kb / 3P
   Zener Diodes with Surge Current Specification
More results

同様の説明 - BZW03D33

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BZT03C VISHAY-BZT03C Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
logo
Frontier Electronics.
BZT03C6V2 FRONTIER-BZT03C6V2 Datasheet
142Kb / 4P
   SILICON Z-DIODES AND TRANSIENT VOLTAGE SUPPRESSORS
logo
SEMTECH ELECTRONICS LTD...
BZT03C7V5 SEMTECH_ELEC-BZT03C7V5 Datasheet
259Kb / 4P
   SILICON Z-DIODES AND TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
BZT03D VISHAY-BZT03D Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZW03C VISHAY-BZW03C Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
logo
Shanghai Leiditech Elec...
5KP5.0A LEIDITECH-5KP5.0A Datasheet
409Kb / 5P
   Transient Voltage Suppressors Diodes
SA5.0 LEIDITECH-SA5.0 Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
SMDJ200A LEIDITECH-SMDJ200A Datasheet
793Kb / 5P
   Transient Voltage Suppressors Diodes
P6KE6.8A LEIDITECH-P6KE6.8A Datasheet
1Mb / 5P
   Transient Voltage Suppressors Diodes
5KP200A LEIDITECH-5KP200A Datasheet
409Kb / 5P
   Transient Voltage Suppressors Diodes
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com