データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD15-05S1 データシート(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

部品番号 FDD15-05S1
部品情報  DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
ホームページ  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

FDD15-05S1 データシート(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  FDD15-05S1 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. FDD15-05S1 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. FDD15-05S1 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. FDD15-05S1 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.chinfa.com
FDD15 SERIES
Characteristics
Conditions
min.
typ.
max.
unit
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Case temperature
Storage temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
Operating at Vi nom, Io nom
Operating at Vi nom, Io nom
Non operational
KHz
1,500
VDC
M
100
-10
+ 50
oC
+ 85
oC
-25
+100
o
% / C
No load input current
26
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
9
12
VDC
Ta min ... Ta max, Io nom
Characteristics
Conditions
min.
unit
Output voltage accuracy
Minimum load
Line regulation
Load regulation
Temperature coefficient
Vi nom, Io nom
Vi nom
single output models
dual output models (each output)
Io nom, Vi min ...Vi max
Vi nom, Io 0 ...Io nom, single output models
Vi nom, Io min ...Io nom, dual output models
Vi nom, Io nom
typ.
max.
0
20
%
%
%
%
2
1
2
5
%
0.02
o
% / C
Input reversed
Shunt diode built in, external fuse recommended
Output short circuit
Continuous
%
Vi nom, Io = 0
12V models
24V models
48V models
24V models
48V models
18
35
26
22
40
75
mA
mA
mA
VDC
VDC
CONTROL AND PROTECTION
Derating
Vi nom
200
oC
24
18
VDC
18
36
48
36
72
VDC
VDC
Input voltage w/o damage
Io nom
12V models
VDC
OUTPUT SPECIFICATIONS
Efficiency
Vi nom, Io nom, Po / Pi
Ripple & noise
Vi nom, Io nom,
BW = 20MHz
Transient recovery time
Vi nom, Io nom ...1/2 Io nom
5V, 12V, 15V & dual
3.3V output models
Up to 80%, See model list
500
100
SINGLE & DUAL OUTPUT
Vout x
1%
mV
mV
S
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
Input filter
LC type
INPUT SPECIFICATIONS
sales@chinfa.com
See derating curve
Dimension
L50.8 x W50.8 x H11.9
mm
Case material
Cooling
Free air convection
Metal
GENERAL
2007.06.21


同様の部品番号 - FDD15-05S1

メーカー部品番号データシート部品情報
logo
Chinfa Electronics Ind....
FDD15-05S1 CHINFA-FDD15-05S1 Datasheet
344Kb / 8P
   DC - DC CONVERTER
FDD15-05S1 CHINFA-FDD15-05S1 Datasheet
291Kb / 8P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
More results

同様の説明 - FDD15-05S1

メーカー部品番号データシート部品情報
logo
Chinfa Electronics Ind....
FDD15 CHINFA-FDD15_14 Datasheet
291Kb / 8P
   DC - DC CONVERTER 10 ~ 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE150R9NDFA DELTA-S24SE150R9NDFA Datasheet
914Kb / 14P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
WDD15-03S4U CHINFA-WDD15-03S4U Datasheet
216Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15U CHINFA-WDD15U_14 Datasheet
217Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
WDD15-03S4U CHINFA-WDD15-03S4U_10 Datasheet
237Kb / 4P
   DC - DC CONVERTER 15W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R305 DELTA-S24SE3R305 Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
logo
Chinfa Electronics Ind....
TDD15 CHINFA-TDD15_14 Datasheet
184Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
WDD15-03S4 CHINFA-WDD15-03S4 Datasheet
232Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
TDD15-03S2 CHINFA-TDD15-03S2_11 Datasheet
197Kb / 4P
   DC - DC CONVERTER 12 ~ 15W SINGLE & DUAL OUTPUT
IDD15U CHINFA-IDD15U_14 Datasheet
200Kb / 4P
   DC - DC CONVERTER 13 ~ 15W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com