データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GXV23026-23 データシート(PDF) 1 Page - Green Power Solutions srl

部品番号 GXV23026-23
部品情報  SURGE VOLTAGE SUPPRESSORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GPSEMI [Green Power Solutions srl]
ホームページ  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GXV23026-23 データシート(HTML) 1 Page - Green Power Solutions srl

  GXV23026-23 Datasheet HTML 1Page - Green Power Solutions srl GXV23026-23 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GXV
SURGE VOLTAGE SUPPRESSORS
Pnp diffused silicon structure
Symmetric blocking characteristics
Suitable for SCR, BJT and IGBT applications
Thyristor
PRAV
PRSM
VDRM
[W]
[kW]
VRRM
1x10
1x100
1x1
1x10
1x10
[V]
[V]
[V]
[µs]
[µs]
[ms]
[ms]
[µs]
see curve #
450
± 50
500
500
135
33
7.5
30**
350
6
550
± 50
600
500
135
33
7.5
30**
350
6
650
± 50
700
380
100
25
4.5
30**
350
5
750
± 50
800
380
100
25
4.5
30**
350
5
850
± 50
900
300
80
21
4
30**
350
4
950
± 50
1000
300
80
21
4
30**
350
4
1050
± 50
1100
260
67
18
3.6
30**
350
3
1150
± 50
1200
260
67
18
3.6
30**
350
3
1250
± 50
1300
230
58
15
3.4
30**
350
2
1350
± 50
1400
230
58
15
3.4
30**
350
2
1450
± 50
1500
200
50
13
3
30**
350
1
1550
± 50
1600
200
50
13
3
30**
350
1
1650
± 50
1800
300
80
21
4
60**
700
4
1750
± 50
1800
300
80
21
4
60**
700
4
1850
± 50
2000
300
80
21
4
60**
700
4
1950
± 50
2000
300
80
21
4
60**
700
4
2050
± 50
2200
260
67
18
3.6
60**
700
3
2150
± 50
2200
260
67
18
3.6
60**
700
3
2250
± 50
2400
260
67
18
3.6
60**
700
3
2350
± 50
2400
260
67
18
3.6
60**
700
3
2450
± 50
2600
230
58
15
3.4
60**
700
2
2550
± 50
2600
230
58
15
3.4
60**
700
2
2650
± 50
2800
230
58
15
3.4
60**
700
2
2750
± 50
2800
230
58
15
3.4
60**
700
2
2850
± 50
3000
200
50
13
3
60**
700
1
2950
± 50
3000
200
50
13
3
60**
700
1
3050
± 50
3200
200
50
13
3
60**
700
1
3150
± 50
3200
200
50
13
3
60**
700
1
Notice:
VR Symmetrical avalanche voltage at IA=20A, tp=10 µ s, Tvj=60 °C
PRAV … Admissible continuous lossess at Rthja < 1 K/W, Ta < 60 °C
IRM Max. avalanche current for a single sine half wave pulse
* single side cooling: for single sided cooling the side carrying
PRSM … peak power losses for single 10 µs current surge
the serial number shall be cooled
Tvj … the initial virtual junction temperature is 60 °C
** double side cooling
Units
VR(TJ)
(1)
V
CJ
pF
Rth
k/W
TjTSTG
°C
m/s
2
MU
Nm
1) VR(60°C) = VRO; VR(25°C) = 0,93 x VRO; VR(125°C) = 1,07 x VRO
Document GXVT002
Max
allowable
current
10g
Admissible acceleration (vibration)
3.5
GXV23026-21
GXV23026-20
GXV22030-19
GXV22030-18
GXV23023-27
GXV23023-26
Major Ratings
Value
GXV23026-22
GXV23023-24
GXV23026-23
GXV24020-31
GXV24020-30
GXV24020-29
GXV24020-28
GXV23023-25
GXV22020-14
GXV22020-15
GXV22030-16
GXV22030-17
Dependence of avalanche
voltage VR on junction temperature
VR (T) = VR0 [ 1 + 1.1x10
-3(T - 60°C)]
GXV20050-04
GXV20050-05
GXV21038-06
GXV21038-07
GXV21026-10
GXV21026-11
GXV22023-12
GXV22023-13
0.5 or 0.25
(2)
1100 or 550
(2)
Operating storage temperature range
Thermal resistance junction-heatsink
Junction capacitance UR = 0V, Tj=60°C
Mounting torque
2) GXV 5SSB 50X0400 to 20X1500 Cj = 1100pF Rth = 0.5 K/W
GXV 5SSB 30X1600 to 20X3100 Cj = 550pF Rth = 0.25 K/W
Type
VR
Tolerance
IRM [A]
for base width
GXV21030-08
GXV21030-09
-40..125
Phone: +39-010-659 1869
Fax:
+39-010-659 1870
Web: www.gpsemi.it
E-mail: info@gpsemi.it
Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy


同様の部品番号 - GXV23026-23

メーカー部品番号データシート部品情報
logo
Sensata Technologies, I...
GXV600 SENSATA-GXV600 Datasheet
923Kb / 5P
   600 Amp 12-900 Vdc Contactor
GXV611 SENSATA-GXV611 Datasheet
927Kb / 5P
   600 Amp 12-900 Vdc Contactor
More results

同様の説明 - GXV23026-23

メーカー部品番号データシート部品情報
logo
Green Power Solutions s...
GSV22020-16 GPSEMI-GSV22020-16 Datasheet
861Kb / 2P
   SURGE VOLTAGE SUPPRESSORS
logo
Littelfuse
V3.5MLA0603 LITTELFUSE-V3.5MLA0603 Datasheet
254Kb / 11P
   Multilayer Transient Voltage Surge Suppressors
logo
Shenzhen Luguang Electr...
P0080SA LUGUANG-P0080SA Datasheet
1Mb / 6P
   Thyristor Surge Suppressors
logo
Shanghai Leiditech Elec...
SE2312 LEIDITECH-SE2312 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE9926 LEIDITECH-SE9926 Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
SE8205A LEIDITECH-SE8205A Datasheet
567Kb / 9P
   Thyristor Surge Suppressors
logo
SUNMATE electronic Co.,...
TB0640H SUNMATE-TB0640H Datasheet
964Kb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640L SUNMATE-TB0640L Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
TB0640M SUNMATE-TB0640M Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Shanghai Yint Electroni...
PXXXL YINT-PXXXL Datasheet
576Kb / 4P
   Thyristor Surge Suppressors
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com