データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN9612MX データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FAN9612MX
部品情報  Interleaved Dual BCM PFC Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN9612MX データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN9612MX Datasheet HTML 2Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 3Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 4Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 5Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 6Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 7Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 8Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 9Page - Fairchild Semiconductor FAN9612MX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN9612 • Rev. 0.9.1E
6
PRELIMINARY
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
Supply Voltage to AGND & PGND
-0.3
20.0
V
VBIAS
5VB Voltage to AGND & PGND
-0.3
5.5
V
Voltage On Input Pins to AGND (except FB pin)
-0.3
VBIAS + 0.3
V
Voltage On FB Pin (Current Limited)
-0.3
VDD + 0.8
V
Voltage On Output Pins to PGND (DRV1, DRV2)
-0.3
VDD + 0.3
V
IOH, IOL
Gate Drive Peak Output Current (Transient)
2
A
Gate Drive Output Current (DC)
0.05
A
TL
Lead Soldering Temperature (10 seconds)
+260
ºC
TJ
Junction Temperature
-40
+150
ºC
TSTG
Storage Temperature
-65
+150
ºC
Human Body Model, JEDEC JESD22-A114
2
kV
ESD
Electrostatic Discharge
Protection Level
Charged Device Model, JEDEC JESD22-C101
1
kV
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage Range
9
12
18
V
Signal Input Voltage
0
5
V
Output Current Sinking (DRV1, DRV2)
1.5
2.0
A
Output Current Sourcing (DRV1, DRV2)
0.8
1.0
A
Boost inductor mismatch
±5%
±10%
TA
Operating Ambient Temperature
-40
+125
ºC


同様の部品番号 - FAN9612MX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
FAN9612MX FAIRCHILD-FAN9612MX Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
More results

同様の説明 - FAN9612MX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN9611_1112 FAIRCHILD-FAN9611_1112 Datasheet
1Mb / 36P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
   Interleaved Dual BCM PFC Controllers
FAN9611 FAIRCHILD-FAN9611_11 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
AN-9717 FAIRCHILD-AN-9717 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
logo
ON Semiconductor
FAN9673 ONSEMI-FAN9673 Datasheet
1Mb / 26P
   Three-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 7
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
logo
ON Semiconductor
FAN9672 ONSEMI-FAN9672 Datasheet
1Mb / 26P
   Two-Channel Interleaved CCM PFC Controller
June, 2019 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com