データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11988HR データシート(PDF) 3 Page - Sanyo Semicon Device

部品番号 LB11988HR
部品情報  Fan Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11988HR データシート(HTML) 3 Page - Sanyo Semicon Device

  LB11988HR Datasheet HTML 1Page - Sanyo Semicon Device LB11988HR Datasheet HTML 2Page - Sanyo Semicon Device LB11988HR Datasheet HTML 3Page - Sanyo Semicon Device LB11988HR Datasheet HTML 4Page - Sanyo Semicon Device LB11988HR Datasheet HTML 5Page - Sanyo Semicon Device LB11988HR Datasheet HTML 6Page - Sanyo Semicon Device LB11988HR Datasheet HTML 7Page - Sanyo Semicon Device LB11988HR Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LB11988HR
No.A0300-3/8
Truth Table and Control Function
Hall Input
Source
→ Sink
U
V
W
FR
V
→ W
H
1
W
→ V
H
H
L
L
U
→ W
H
2
W
→ U
H
L
L
L
U
→ V
H
3
V
→ U
H
L
H
L
W
→ V
H
4
V
→ W
L
L
H
L
W
→ U
H
5
U
→ W
L
H
H
L
V
→ U
H
6
U
→ V
L
H
L
L
Note: “H” in the FR column represents a voltage
of 8V or more. “L” represents a voltage of
4V or less. (At VCC=12V)
Note: “H” under the Hall Input columns
represents a state in which “+” has a
potential which is higher by 0.01V or more
than that of the “-“ phase inputs. Conversely
“L” represents a state in which “+” has a
potential which is lower by 0.01V or more
than that of the “-” phase inputs.
Note: Since a 180
° energized system is used as
a drive system, other phases than the sink and
source are not OFF.
ILB01758
-40
-20
0
20
40
60
80
100
0
0.2
0.6
0.4
0.8
1.0
Pd max - Ta
0.42
0.8
Independent IC
Ambient Temperature, Ta-
°C


同様の部品番号 - LB11988HR

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
logo
ON Semiconductor
LB11988HR ONSEMI-LB11988HR Datasheet
91Kb / 6P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR_12 Datasheet
123Kb / 6P
   Monolithic Digital IC Fan Motor Driver
More results

同様の説明 - LB11988HR

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
   Fan Motor Driver
logo
ON Semiconductor
LB11988V ONSEMI-LB11988V Datasheet
89Kb / 6P
   Fan Motor Driver
May, 2013
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
   Fan Motor Driver
logo
ON Semiconductor
LB11988HR ONSEMI-LB11988HR Datasheet
91Kb / 6P
   Fan Motor Driver
May, 2013
SS30 ONSEMI-SS30 Datasheet
159Kb / 7P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988D SANYO-LB11988D Datasheet
75Kb / 8P
   Fan Motor Driver
logo
ON Semiconductor
LA6581DM ONSEMI-LA6581DM Datasheet
211Kb / 5P
   Fan Motor Driver
January, 2014
LV8804FV ONSEMI-LV8804FV Datasheet
239Kb / 10P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988V SANYO-LB11988V Datasheet
113Kb / 7P
   Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com