データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK673-010-E データシート(PDF) 8 Page - Sanyo Semicon Device

部品番号 STK673-010-E
部品情報  3-Phase Stepping Motor Driver Output Current 2.4A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK673-010-E データシート(HTML) 8 Page - Sanyo Semicon Device

Back Button STK673-010-E Datasheet HTML 4Page - Sanyo Semicon Device STK673-010-E Datasheet HTML 5Page - Sanyo Semicon Device STK673-010-E Datasheet HTML 6Page - Sanyo Semicon Device STK673-010-E Datasheet HTML 7Page - Sanyo Semicon Device STK673-010-E Datasheet HTML 8Page - Sanyo Semicon Device STK673-010-E Datasheet HTML 9Page - Sanyo Semicon Device STK673-010-E Datasheet HTML 10Page - Sanyo Semicon Device STK673-010-E Datasheet HTML 11Page - Sanyo Semicon Device STK673-010-E Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
STK673-010-E
No.5708-8/15
(3) Heat Radiation Design
Heat radiation design for reducing the operation substrate temperature of the hybrid IC is effective in enhancing the
quality of the hybrid IC.
The size of a heat sink varies depending on the average power loss Pd in the hybrid IC. As shown in Figure 6 on
page 14, Pd increases in accordance with the increase of the output current.
Since the starting current and the stationary current coexist in an actual motor operation, Pd cannot be obtained only
from the data shown in Figure 6. Therefore, Pd is obtained assuming that the timing of the actual motor operation is
a repeated operation shown in the following Figure 3.
Figure 3. Timing Chart of Motor Operation
The average power loss Pd in the hybrid IC upon an operation shown in Figure 3 can be obtained by the following
equation (II):
Pd = (T1
× P1 + T1 × P2 + T3 × P3 + T4 × P4) ÷ T0 (II)
When the value obtained by the above equation (II) is equal to or less than 3.4W and the ambient temperature Ta is
equal to or lower than 60°C, there is no need of providing a heat sink.
Refer to Figure 7 for data of the operation substrate temperature when no heat sink is used.
The size of the heat sink can be decided depending on
θc-a obtained by the following equation (III) and from Figure 8.
θc-a = (Tc max – Ta) ÷ Pd
(III)
where Tc max: Maximum operation substrate temperature = 105
°C
Ta: Ambient temperature of hybrid IC
Although heat radiation design can be realized by following the above equations (II) and (III), make sure to check that
the substrate temperature Tc is equal to or lower than 105
°C after mounting the hybrid IC into a set.
ITF00811
Positive rotation
current
Reverse rotation
current
T1
T1: Starting time of positive rotation
T2: Stationary time of positive rotation
T3: Starting time of reverse rotation
T4: Stationary time of reverse rotation
T0: One cycle time of repeated motor
operation
P1: Pd of IO1
P2: Pd of IO2
P3: Pd of IO3
P4: Pd of IO4
IO1
IO2
IO3
T2
T0
T3
T4
0
IO4


同様の部品番号 - STK673-010-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
STK673-010-E ONSEMI-STK673-010-E Datasheet
117Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
More results

同様の説明 - STK673-010-E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
STK673-010 SANYO-STK673-010 Datasheet
336Kb / 16P
   3-Phase Stepping Motor Driver(sine wave drive) Output Current 2.4A
logo
ON Semiconductor
STK672-210-E ONSEMI-STK672-210-E Datasheet
98Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
STK672-220-E ONSEMI-STK672-220-E Datasheet
100Kb / 10P
   Two-Phase Stepping Motor Driver Output Current 1.4A
June, 2013
STK673-010-E ONSEMI-STK673-010-E Datasheet
117Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
STK673-011-E ONSEMI-STK673-011-E Datasheet
116Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-210 SANYO-STK672-210 Datasheet
90Kb / 8P
   Two-Phase Stepping Motor Driver Output Current: 1.4 A
STK672-080-E SANYO-STK672-080-E Datasheet
178Kb / 18P
   Stepping Motor Driver Output Current 2.8A
STK672-070-E SANYO-STK672-070-E Datasheet
178Kb / 18P
   Stepping Motor Driver Output Current 1.5A
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com