データシートサーチシステム |
|
AMZ-81 データシート(PDF) 1 Page - Rhombus Industries Inc. |
|
AMZ-81 データシート(HTML) 1 Page - Rhombus Industries Inc. |
|
1 / 1 page 15801 Chemical Lane, Huntington Beach, CA 92649-1595 Phone: (714) 898-0960 • FAX: (714) 896-0971 www.rhombus-ind.com • email: sales@rhombus-ind.com Rhombus Industries Inc. For other values & Custom Designs, contact factory. Specifications subject to change without notice. AMZ 9901 AMZ & AMY Series Passive 5-Tap DIP/SMD Delay Modules 1. Rise Times are measured from 10% to 90% points. 2. Delay Times measured at 50% point of leading edge. 3. Output (100% Tap) terminated to ground through R L=ZO Low Profile 8-Pin Package for Surface Mount Applications Low Distortion LC Network 5 Equal Delay Taps Fast Rise Time -- BW 0.35 / t r Standard Impedances: 50 - 75 - 100 - 200 Ω Stable Delay vs. Temperature: 100 ppm/OC Operating Temperature Range -55OC to +125OC AMY Style Schematic Per table, substitute AMY for AMZ in P/N 100% 8 1 IN 3 80% 20% 5 60% 6 40% 7 COM 4 2 COM 100% 8 1 IN 3 20% 40% 5 60% 6 80% 7 COM 4 2 COM AMZ Style Schematic Recommended for New Designs Dimensions in Inches (mm) .300 (7.62) .285 (7.24) MAX. .010 (0.25) TYP. .365 (9.27) MAX. .505 (12.83) MAX. .120 MIN. (3.05) MAX. .205 (5.21) .100 (2.54) TYP. .050 (1.27) TYP. .020 (0.51) TYP. .020 (0.51) TYP. J-SMD .330 (8.38) MAX. .020 R (0.51) .285 (7.24) MAX. .285 (7.24) .260 (6.60) MAX. .215 (5.46) .030 (0.76) TYP. .505 (12.83) MAX. .100 (2.54) TYP. .020 (0.51) TYP. .050 (1.27) TYP. To Specify SMD: Add Suffix "J" to P/N G-SMD G-SMD .400 (10.16) .430 (10.92) .285 (7.24) MAX. .030 (0.76) TYP. .010 (0.25) TYP. .008 R (0.20) .505 (12.83) MAX. .205 (5.21) MAX. .015 (0.38) TYP. .020 (0.51) TYP. .050 (1.27) TYP. .100 (2.54) TYP. To Specify SMD: Add Suffix "G" to P/N J-SMD Delay Tolerances 50 Ohm Part Number Rise Time (ns) DCR max. (Ohms) 75 Ohm Part Number Rise Time (ns) DCR max. (Ohms) 100 Ohm Part Number Rise Time (ns) DCR max. (Ohms) 200 Ohm Part Number Rise Time (ns) DCR max. (Ohms) Total (ns) Tap-to-Tap (ns) 2.5 ± 0.3 0.5 ± 0.2 AMZ-2.55 1.5 0.4 AMZ-2.57 1.5 0.6 AMZ-2.51 1.5 0.6 AMZ-2.52 1.5 0.9 5 ± 0.5 1.0 ± 0.3 AMZ-55 2.0 0.5 AMZ-57 2.0 0.6 AMZ-51 2.0 0.6 AMZ-52 2.0 1.1 6 ± 0.5 1.2 ± 0.4 AMZ-65 2.3 0.5 AMZ-67 2.3 0.6 AMZ-61 2.4 0.7 AMZ-62 2.6 1.1 7 ± 0.5 1.4 ± 0.4 AMZ-75 2.6 0.6 AMZ-77 2.6 0.6 AMZ-71 2.8 0.8 AMZ-72 2.8 1.1 7.5 ± 0.5 1.5 ± 0.5 AMZ-7.55 2.8 0.6 AMZ-7.57 2.8 0.8 AMZ-7.51 2.9 0.8 AMZ-7.52 2.9 1.4 8 ± 0.5 1.6 ± 0.5 AMZ-85 3.0 0.6 AMZ-87 3.0 0.9 AMZ-81 3.0 0.8 AMZ-82 3.1 1.4 9 ± 0.5 1.8 ± 0.5 AMZ-95 3.3 0.7 AMZ-97 3.4 0.9 AMZ-91 3.4 0.8 AMZ-92 3.4 1.4 10 ± 1.0 2.0 ± 0.5 AMZ-105 3.4 0.7 AMZ-107 3.5 0.9 AMZ-101 3.6 0.9 AMZ-102 3.6 1.6 15 ± 1.0 3.0 ± 0.6 AMZ-155 5.2 0.9 AMZ-157 5.2 1.7 AMZ-151 5.2 1.8 AMZ-152 5.2 2.7 20 ± 1.0 4.0 ± 1.0 AMZ-205 6.8 1.0 AMZ-207 6.8 1.9 AMZ-201 6.8 2.0 AMZ-202 6.8 2.8 25 ± 1.25 5.0 ± 1.0 AMZ-255 8.5 1.3 AMZ-257 8.5 2.1 AMZ-251 8.5 2.2 AMZ-252 8.5 3.0 30 ± 1.5 6.0 ± 1.5 AMZ-305 10.2 1.4 AMZ-307 10.2 2.2 AMZ-301 10.2 2.4 AMZ-302 10.2 3.2 35 ± 1.75 7.0 ± 1.5 AMZ-355 11.9 1.5 AMZ-357 11.9 2.4 AMZ-351 11.9 2.6 AMZ-352 11.9 3.4 40 ± 2.0 8.0 ± 1.8 AMZ-405 13.6 1.6 AMZ-407 13.6 2.7 AMZ-401 13.6 2.8 AMZ-402 13.6 3.6 50 ± 2.5 10.0 ± 2.0 AMZ-505 17.0 2.0 AMZ-507 17.0 2.9 AMZ-501 17.0 3.1 AMZ-502 17.0 5.5 60 ± 3.0 12.0 ± 2.5 AMZ-605 20.4 2.2 AMZ-607 20.4 3.3 AMZ-601 20.4 3.3 AMZ-602 20.4 6.2 75 ± 3.75 15.0 ± 3.0 AMZ-755 25.5 2.5 AMZ-757 25.5 3.6 AMZ-751 25.5 3.6 AMZ-752 25.5 6.8 80 ± 4.0 16.0 ± 3.0 AMZ-805 27.2 2.6 AMZ-807 27.2 3.4 AMZ-801 27.2 5.0 AMZ-802 27.2 7.0 100 ± 5.0 20.0 ± 3.0 AMZ-1005 34.0 3.0 AMZ-1007 34.0 3.7 AMZ-1001 34.0 5.8 AMZ-1002 34.0 7.8 Electrical Specifications at 25OC 1, 2, 3 Note: For SMD Package add "G" of "J" as below to P/N in Table Operating Specifications - Passive Delay Lines Pulse Overshoot (Pos) ................................... 5% to 10%, typical Pulse Distortion (S) ..................................................... 3% typical Working Voltage .............................................. 25 VDC maximum Dielectric Strength ........................................... 100VDC minimum Insulation Resistance ........................ 1,000 M Ω min. @ 100VDC Temperature Coefficient ................................. 70 ppm/OC, typical Bandwidth (f C) ....................................................... 0.35/t r approx. Operating Temperature Range ............................. -55O to +125OC Storage Temperature Range ................................ -65O to +150OC |
同様の部品番号 - AMZ-81 |
|
同様の説明 - AMZ-81 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |