データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L-13301 データシート(PDF) 1 Page - Rhombus Industries Inc.

部品番号 L-13301
部品情報  High L Mini Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RHOMBUS-IND [Rhombus Industries Inc.]
ホームページ  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-13301 データシート(HTML) 1 Page - Rhombus Industries Inc.

  L-13301 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transformers & Magnetic Products
Industries Inc.
Rhombus
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 l FAX: (714) 896-0971
Specifications are subject to change without notice
SPIK_HLM - 5/97
L min. *
DCR
I **
Part
(0 DC)
Max.
Max
Number
( mH )
( Ω )
( mA )
L-13300
1.0
3.1
132
L-13301
1.2
4.0
132
L-13302
1.5
6.1
83
L-13303
1.8
6.4
83
L-13304
2.2
6.8
83
L-13305
2.7
7.7
83
L-13306
3.3
9.0
53
L-13307
4.7
16.0
53
L-13308
5.6
18.0
53
L-13309
6.8
19.0
53
L-13310
8.2
21.0
53
L-13311
10.0
25.0
41
L min. *
DCR
I **
Part
(0 DC)
Max.
Max
Number
( mH )
( Ω )
( mA )
L-13312
12.0
33.0
41
L-13313
15.0
37.0
41
L-13314
18.0
40.0
41
L-13315
22.0
56.0
32
L-13316
27.0
62.0
32
L-13317
33.0
70.0
32
L-13318
47.0
99.0
32
L-13319
56.0
135.0
21
L-13320
68.0
150.0
21
L-13321
82.0
212.0
21
L-13322
100.0
235.0
21
* Tested at 10kHz & 100mV
** 300 CM/A
Variations on electrical parameters of the parts
listed are available. Please contact factory.
High L Mini Inductors
High Inductance - Low Current
Designed for Noise, Spike and Filtering applications
Leads #22 AWG Tinned Copper
Coils finished with Polyolefin Shrink Tube
Package
Dimensions
Inches (mm)
Height
dimensions
are without
solder joint
or coatings
19
High L Multi-purpose
Toroid Inductors
High Inductance low current applications
Open wound and self leaded -- Mounting is available
Varnish coated -- Wound on ferrite material
Part
L typ. (1)
DCR
I Max. (2)
I Sat.
O.D.
I.D.
HT.
Lead
Number
( mH )
nom.
( Ω )
( Amps )
( mA )
nom. (in.)
nom. (in.)
nom. (in.)
Size AWG
L-11300
1.0
0.21
1.30
280
0.980
0.450
0.340
24
L-11301
2.0
0.41
1.30
200
0.980
0.450
0.340
24
L-11302
5.0
0.76
1.30
125
0.980
0.450
0.340
24
L-11303
10.0
1.30
0.85
91
0.975
0.445
0.335
26
L-11304
20.0
2.00
0.85
64
0.975
0.445
0.335
26
L-11305
50.0
2.80
0.33
40
0.945
0.445
0.285
30
L-11306
100
5.40
0.21
28
1.080
0.440
0.365
32
L-11307
200
10.40
0.21
20
1.080
0.440
0.365
32
L-11308
300
12.80
0.21
16
1.080
0.440
0.365
32
L-11309
500
18.40
0.13
13
0.955
0.455
0.305
34
L-11310
1000
22.10
0.13
9
0.955
0.455
0.305
34
L-11311
2000
28.80
0.13
6
0.955
0.455
0.305
34
Electrical Specifications at 25OC
1. L measured at 1 kHz 0ADC
2. 300 CM/A
A large variety of ferrite toroids are available for custom designs.
Please send your requirements by fax today for quotation.


同様の部品番号 - L-13301

メーカー部品番号データシート部品情報
logo
Kingbright Corporation
L-1334 KINGBRIGHT-L-1334 Datasheet
220Kb / 7P
   T-1 (3mm) CYLINDRICAL LED LAMPS
L-1334EC KINGBRIGHT-L-1334EC Datasheet
220Kb / 7P
   T-1 (3mm) CYLINDRICAL LED LAMPS
L-1334GC KINGBRIGHT-L-1334GC Datasheet
220Kb / 7P
   T-1 (3mm) CYLINDRICAL LED LAMPS
L-1334GT KINGBRIGHT-L-1334GT Datasheet
220Kb / 7P
   T-1 (3mm) CYLINDRICAL LED LAMPS
L-1334IT KINGBRIGHT-L-1334IT Datasheet
220Kb / 7P
   T-1 (3mm) CYLINDRICAL LED LAMPS
More results

同様の説明 - L-13301

メーカー部品番号データシート部品情報
logo
API Delevan
5400R API-5400R Datasheet
1Mb / 1P
   High L Filter Inductors
logo
Rhombus Industries Inc.
L-818 RHOMBUS-IND-L-818 Datasheet
20Kb / 1P
   High Bias / High L Audio Frequency Inductors
logo
RENCO ELECTRONICS, INC.
RL-1160 RENCO-RL-1160 Datasheet
1Mb / 2P
   MINI-INDUCTORS
logo
Kemet Corporation
L0805C100MPWST KEMET-L0805C100MPWST Datasheet
367Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWI/L-PWR
L0603C100KSMST KEMET-L0603C100KSMST Datasheet
759Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
logo
Rhombus Industries Inc.
L-529 RHOMBUS-IND-L-529 Datasheet
16Kb / 1P
   Mini Drum Inductors
L-503 RHOMBUS-IND-L-503 Datasheet
15Kb / 1P
   Mini Drum Inductors
L-661 RHOMBUS-IND-L-661 Datasheet
15Kb / 1P
   Mini Drum Inductors
logo
RENCO ELECTRONICS, INC.
RL-1506 RENCO-RL-1506 Datasheet
1Mb / 3P
   MINI-INDUCTORS CONFORMALLY COATED
RL-1508 RENCO-RL-1508 Datasheet
1Mb / 2P
   MINI-INDUCTORS CONFORMALLY COATED
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com