データシートサーチシステム |
|
ST-1.5 データシート(PDF) 2 Page - Systemsensor advanced ideas. |
|
ST-1.5 データシート(HTML) 2 Page - Systemsensor advanced ideas. |
2 / 2 page 3825OhioAvenue•St.Charles,IL60174 Phone:800-SENSOR2•Fax:630-377-6495 ©2008 System Sensor. Product specifications subject to change without notice. Visit systemsensor.com for current product information, including the latest version of this data sheet. A05-0344-003•1/09•#2088 supply to the NAC will not be allowed to close if a short circuit condition currently exists on the NAC. In addition, an algorithm is incorporated to find a short when the module is active. The module will close all circuits that are not shorted to find the NAC with the problem. SYNC-1 ACCESSORY CARD The SYNC-1 is an optional accessory to the SC-6 and is designed to provide ameansofsynchronizingaseriesofhorns,strobes,andhorn/strobes.The SYNC-1 is able to synchronize the temporal-coded horns, the one second flashtimingofthestrobe,andsilencingthehornsofthehorn/strobe combination over a two-wire circuit while leaving the strobes active. Each SYNC-1 accessory card has the capability of synchronizing six Class B circuits or three Class A circuits. CZ-6 SIX ZONE INTERFACE MODULE The CZ-6 Six Zone Interface module provides an interface between the intelligent alarm system and a two-wire conventional detection zone. A common SLC input is used for all modules, and the initiating device circuits share a common external supply. Otherwise, each module operates independently from the others. The first module is addressed from 01 to 94 while the remaining modules are assigned to the next five higher addresses. Provisions are included for disabling a maximum of two unused modules. All two-wire detectors being monitored must be two-wire compatibility listed with the modules. The CZ-6 transmits the status of a zone of two-wire detectors to the fire alarm control panel. Status conditions are reported as normal, open or alarm. The interface module supervises the zone of detectors and the connection of the external power supply. IM-10 TEN INPUT MONITOR MODULE The IM-10 Ten Input Monitor module provides an interface between a control panel and normally open contact devices such as pull stations, security contacts, or flow switches. The first address is set from 01 to 90 and the remaining modules are automatically assigned to the next nine higher addresses. Provisions are included for disabling a maximum of two unused addresses. The supervised state (normal, open or short) of the monitored device is sent back to the panel. continued 500 Series Module Specifications General Specifications Operating Voltage 15 to 32 VDC Maximum SLC Wiring Resistance 40 Ohms Temperature Range 32°F to 120°F (0° to 49°C) Relative Humidity 10% to 85% noncondensing Wire Gauge 12 to 18 AWG Dimensions 6.8˝H × 5.8˝W × 1.25˝D Specifications: CR-6 Standby Current 1.45 mA maximum Alarm Current 32 mA maximum (assumes all six relays have been switched once and all six LEDs solid on) Maximum IDC Wiring Resistance 40 Ohms Relay Current 30mA/RelayPulse(15.6mSpulse duration) pulse under panel control Relay Contact Ratings 30VDC;70.7VAC Specifications: CZ-6 Standby Current 2 mA maximum Alarm Current 40 mA maximum (assumes all six LEDs solid on) Maximum IDC Wiring Resistance 25 Ohms External Supply Voltage DC Voltage: 18 to 28 volts power limited Ripple Voltage: 0.1 volts RMS maximum Current: 90 mA per circuit Compatible Detectors Contact System Sensor for a current list Specifications: SC-6 Standby Current 2.25 mA maximum Alarm Current 35 mA maximum (assumes all six relays have been switched once and all six LEDs solid on) Maximum NAC Circuit Wiring Resistance 40 Ohms Power Rating Per Circuit 63W@70.7VAC Relay Contact Ratings 30 VDC; 110 VAC Specifications: IM-10 Standby Current 3.5 mA maximum Alarm Current 60 mA maximum (assumes all ten LEDs solid on) Maximum IDC Wiring Resistance 40 Ohms Maximum IDC Voltage 12 VDC Maximum IDC Current 1 mA Specifications: SYNC-1 Operating Voltage 11 to 30 VDC Maximum Load on a Loop ClassA/StyleZ:3A ClassA/StyleY:3Aperpair Standby Current +0 Position: 15 mA +2 or +4 Position if connected to supply: 2.5 mA Specifications: BB-2 Enclosure Dimensions 12˝H×9˝W×3.67˝D Specifications: BB-6 Enclosure Dimensions 24˝H×12.55˝W×6.47˝D Accessories SYNC-1 Accessory Card BB-6 Enclosure with CH-6 Chassis |
同様の部品番号 - ST-1.5 |
|
同様の説明 - ST-1.5 |