データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4085BM96 データシート(PDF) 10 Page - Texas Instruments

部品番号 CD4085BM96
部品情報  CMOS DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD4085BM96 データシート(HTML) 10 Page - Texas Instruments

Back Button CD4085BM96 Datasheet HTML 3Page - Texas Instruments CD4085BM96 Datasheet HTML 4Page - Texas Instruments CD4085BM96 Datasheet HTML 5Page - Texas Instruments CD4085BM96 Datasheet HTML 6Page - Texas Instruments CD4085BM96 Datasheet HTML 7Page - Texas Instruments CD4085BM96 Datasheet HTML 8Page - Texas Instruments CD4085BM96 Datasheet HTML 9Page - Texas Instruments CD4085BM96 Datasheet HTML 10Page - Texas Instruments CD4085BM96 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


同様の部品番号 - CD4085BM96

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4085BM TI1-CD4085BM Datasheet
892Kb / 15P
[Old version datasheet]   Cmos Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
Intersil Corporation
CD4085BMS INTERSIL-CD4085BMS Datasheet
78Kb / 9P
   CMOS Dual 2 Wide 2 Input AND-OR-INVERT Gate
December 1992
logo
Texas Instruments
CD4085BMT TI1-CD4085BMT Datasheet
892Kb / 15P
[Old version datasheet]   Cmos Dual 2-Wide 2-Input AND-OR-INVERT Gate
More results

同様の説明 - CD4085BM96

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CD4085BMS INTERSIL-CD4085BMS Datasheet
78Kb / 9P
   CMOS Dual 2 Wide 2 Input AND-OR-INVERT Gate
December 1992
logo
Texas Instruments
CD4085B TI1-CD4085B_15 Datasheet
892Kb / 15P
[Old version datasheet]   Cmos Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
62Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
logo
Fairchild Semiconductor
DM74S51 FAIRCHILD-DM74S51 Datasheet
34Kb / 3P
   Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
NXP Semiconductors
HEF4085B PHILIPS-HEF4085B Datasheet
29Kb / 3P
   Dual 2-wide 2-input AND-OR-invert gate
January 1995
logo
STMicroelectronics
M54HC51 STMICROELECTRONICS-M54HC51 Datasheet
234Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
199Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
logo
Motorola, Inc
MC5474F51 MOTOROLA-MC5474F51 Datasheet
53Kb / 2P
   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATE
logo
Fairchild Semiconductor
DM74LS51 FAIRCHILD-DM74LS51 Datasheet
47Kb / 4P
   Dual 2-Wide 2-Input, 2-Wide 3-Input AND-OR-INVERT Gate
74F51 FAIRCHILD-74F51 Datasheet
49Kb / 4P
   Dual 2-Wide 2-Input; 2-Wide 3-Input AND-OR-Invert Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com