データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4086BPW データシート(PDF) 11 Page - Texas Instruments

部品番号 CD4086BPW
部品情報  CMOS EXPANDABLE 4-WIDE 2-INPUT AND-OR-INVERT GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD4086BPW データシート(HTML) 11 Page - Texas Instruments

Back Button CD4086BPW Datasheet HTML 4Page - Texas Instruments CD4086BPW Datasheet HTML 5Page - Texas Instruments CD4086BPW Datasheet HTML 6Page - Texas Instruments CD4086BPW Datasheet HTML 7Page - Texas Instruments CD4086BPW Datasheet HTML 8Page - Texas Instruments CD4086BPW Datasheet HTML 9Page - Texas Instruments CD4086BPW Datasheet HTML 10Page - Texas Instruments CD4086BPW Datasheet HTML 11Page - Texas Instruments CD4086BPW Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


同様の部品番号 - CD4086BPW

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4086B TI1-CD4086B Datasheet
828Kb / 13P
[Old version datasheet]   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
CD4086B-MIL TI1-CD4086B-MIL Datasheet
828Kb / 13P
[Old version datasheet]   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
CD4086BE TI1-CD4086BE Datasheet
828Kb / 13P
[Old version datasheet]   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
CD4086BF3A TI1-CD4086BF3A Datasheet
828Kb / 13P
[Old version datasheet]   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
CD4086BM TI1-CD4086BM Datasheet
828Kb / 13P
[Old version datasheet]   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
More results

同様の説明 - CD4086BPW

メーカー部品番号データシート部品情報
logo
Intersil Corporation
CD4086BMS INTERSIL-CD4086BMS Datasheet
85Kb / 9P
   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
Texas Instruments
CD4086B TI1-CD4086B_14 Datasheet
828Kb / 13P
[Old version datasheet]   CMOS Expandable 4-Wide 2-Input AND-OR-INVERT Gate
logo
Hitachi Semiconductor
HD14506B HITACHI-HD14506B Datasheet
81Kb / 6P
   Dual 2-wide 2-input Expandable AND-OR-INVERT Gate
logo
Motorola, Inc
MC14506UB MOTOROLA-MC14506UB Datasheet
241Kb / 7P
   Dual 2-wide, 2-input Expandable And-Or-Invert Gate
logo
National Semiconductor ...
DM7450 NSC-DM7450 Datasheet
88Kb / 4P
   Expandable Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
List of Unclassifed Man...
MC454 ETC1-MC454 Datasheet
329Kb / 2P
   EXPANDABLE 3-WIDE 3-INPUT AND-OR-INVERT GATE
logo
Texas Instruments
SN5450 TI1-SN5450_14 Datasheet
317Kb / 9P
[Old version datasheet]   DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATES ONE GATE EXPANDABLE
SN5450 TI-SN5450 Datasheet
114Kb / 4P
[Old version datasheet]   DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATES ONE GATE EXPANDABLE
logo
NXP Semiconductors
HEF4086B PHILIPS-HEF4086B Datasheet
41Kb / 5P
   4-wide 2-input AND-OR-invert gate
January 1995
logo
National Semiconductor ...
DM74LS55 NSC-DM74LS55 Datasheet
112Kb / 6P
   2-Wide, 4-Input AND-OR-INVERT Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com