データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPI5102UA データシート(PDF) 1 Page - Sparkle Power Inc.

部品番号 SPI5102UA
部品情報  510 Watts ATX12V/ EPS12V 2U Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPI [Sparkle Power Inc.]
ホームページ  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI5102UA データシート(HTML) 1 Page - Sparkle Power Inc.

  SPI5102UA Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 265Vac , Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 10A @ 115Vac, 5A @ 230Vac
Inrush Current: No Damage
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating: 0°C ~ +50°C on full load;
De-rate 3W/°C from 40°C to 50°C; storage & shipping:20°C ~
+80°C
Humidity: 5%- 85% on operating,5%- 95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for 1
second
Efficiency: 70% at minimum measured at nominal AC main
voltage and frequency with maximum load on all output
Rise time: Less than 50ms
Hold-up Time: 18 ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off delay
1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 220x100x70mm /8.7x3.9x 2.7 inch
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.8A
12A
24A
± 5%-4%
50mV P-P
+5V
0.5A
12.5A
25A
± 5%-4%
50mV P-P
+12V1
0.0A
9A
18A
± 5%-5%
120mV P-P
+12V2
1A
9A
18A
± 5%-5%
120mV P-P
-12V
0.0A
0.25A
0.5A
± 9%-5%
120mV P-P
+5Vsb
0.1A
1.25A
2.5A
± 5%-4%
50mV P-P
*+3.3V and +5V total output not exceed 150W
*+12V1 and +12V2 total output not exceed 32A
* Total output for this subject power supply is 510W
SPI5102UA
(RoHS Compliant)
510 Watts ATX12V/ EPS12V 2U Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
Complied with ATX12V/EPS12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
Approved by : UL,CSA22.2 NO or CUL 60950-1, TUV or VDE,
EMC,FCC ,CE, CB report.


同様の部品番号 - SPI5102UA

メーカー部品番号データシート部品情報
logo
Sparkle Power Inc.
SPI5002UC SPI-SPI5002UC Datasheet
44Kb / 1P
   500 Watts ATX12V/EPS12V, 2U Switching Power Supply
SPI500ACA8 SPI-SPI500ACA8 Datasheet
588Kb / 1P
   Complied with ATX12V standard
SPI500ACAG SPI-SPI500ACAG Datasheet
765Kb / 2P
   500 Watts ATX12V 2.3 Switching Power Supply Meet 2010 ErP
SPI500ACAP SPI-SPI500ACAP Datasheet
226Kb / 1P
   Complied with ATX12V 2.3 standard
SPI500ACH8 SPI-SPI500ACH8 Datasheet
293Kb / 1P
   500 Watts ATX12V Switching Power Supply
More results

同様の説明 - SPI5102UA

メーカー部品番号データシート部品情報
logo
Sparkle Power Inc.
SPI4002UC SPI-SPI4002UC Datasheet
301Kb / 1P
   400 Watts ATX12V/EPS12V, 2U Switching Power Supply
SPI600W7BB SPI-SPI600W7BB Datasheet
48Kb / 1P
   600 Watts ATX12V/EPS12V, 2U Switching Power Supply
SPI700W7BB SPI-SPI700W7BB Datasheet
46Kb / 1P
   700 Watts ATX12V/EPS12V, 2U Switching Power Supply
SPI5002UC SPI-SPI5002UC Datasheet
44Kb / 1P
   500 Watts ATX12V/EPS12V, 2U Switching Power Supply
FSP650-80GLC SPI-FSP650-80GLC Datasheet
103Kb / 1P
   650 Watts EPS12V & ATX12V Switching Power Supply
FSP400-70MP SPI-FSP400-70MP Datasheet
416Kb / 2P
   400 Watts ATX12V,EPS12V Switching Power Supply
R-SPI600GHN SPI-R-SPI600GHN Datasheet
547Kb / 1P
   600 Watts EPS12V & ATX12V Switching Power Supply
FSP600-80GLC SPI-FSP600-80GLC Datasheet
468Kb / 2P
   600 Watts EPS12V & ATX12V Switching Power Supply
SPI600ACH5B SPI-SPI600ACH5B Datasheet
227Kb / 1P
   600 Watts EPS12V & ATX12V Switching Power Supply
SPI700ACH5B SPI-SPI700ACH5B Datasheet
296Kb / 1P
   700 Watts EPS12V & ATX12V Switching Power Supply
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com