データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD138 データシート(PDF) 1 Page - Savantic, Inc.

部品番号 BD138
部品情報  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAVANTIC [Savantic, Inc.]
ホームページ  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BD138 データシート(HTML) 1 Page - Savantic, Inc.

  BD138 Datasheet HTML 1Page - Savantic, Inc. BD138 Datasheet HTML 2Page - Savantic, Inc. BD138 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
BD136 BD138 BD140
DESCRIPTION
·With TO-126 package
·High current
·Complement to type BD135/137/139
APPLICATIONS
·Driver stages in high-fidelity amplifiers
and television circuits
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute maximum ratings (Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
BD136
-45
BD138
-60
VCBO
Collector-base voltage
BD140
Open emitter
-100
V
BD136
-45
BD138
-60
VCEO
Collector-emitter voltage
BD140
Open base
-100
V
VEBO
Emitter -base voltage
Open collector
-5
V
IC
Collector current (DC)
-1.5
A
ICM
Collector current-Peak
-2
A
IBM
Base current-Peak
-1
A
Pt
Total power dissipation
Tmb670
8
W
Tj
Junction temperature
150
Tstg
Storage temperature
-65~150
Tamb
Operating ambient temperature
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
Thermal resistance from junction to ambient
100
K/W
Rth j-mb
Thermal resistance from junction to mounting base
10
K/W


同様の部品番号 - BD138

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BD138 MOTOROLA-BD138 Datasheet
104Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
logo
Fairchild Semiconductor
BD138 FAIRCHILD-BD138 Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
logo
SeCoS Halbleitertechnol...
BD138 SECOS-BD138 Datasheet
85Kb / 2P
   PNP General Purpose Transistor
logo
NXP Semiconductors
BD138 PHILIPS-BD138 Datasheet
44Kb / 8P
   PNP power transistors
1999 Apr 12
logo
SHENZHEN YONGERJIA INDU...
BD138 WINNERJOIN-BD138 Datasheet
126Kb / 1P
   TRANSISTOR (PNP)
More results

同様の説明 - BD138

メーカー部品番号データシート部品情報
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com