データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM236LP-2.5 データシート(PDF) 8 Page - Texas Instruments

部品番号 LM236LP-2.5
部品情報  2.5-V INTEGRATED REFERENCE CIRCUITS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM236LP-2.5 データシート(HTML) 8 Page - Texas Instruments

Back Button LM236LP-2.5 Datasheet HTML 2Page - Texas Instruments LM236LP-2.5 Datasheet HTML 3Page - Texas Instruments LM236LP-2.5 Datasheet HTML 4Page - Texas Instruments LM236LP-2.5 Datasheet HTML 5Page - Texas Instruments LM236LP-2.5 Datasheet HTML 6Page - Texas Instruments LM236LP-2.5 Datasheet HTML 7Page - Texas Instruments LM236LP-2.5 Datasheet HTML 8Page - Texas Instruments LM236LP-2.5 Datasheet HTML 9Page - Texas Instruments LM236LP-2.5 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MECHANICAL DATA
MSOT002A – OCTOBER 1994 – REVISED NOVEMBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
LP (O-PBCY-W3)
PLASTIC CYLINDRICAL PACKAGE
4040001-2 /C 10/01
STRAIGHT LEAD OPTION
0.016 (0,41)
0.014 (0,35)
0.157 (4,00) MAX
FORMED LEAD OPTION
0.104 (2,65)
0.210 (5,34)
0.170 (4,32)
0.050 (1,27)
0.016 (0,41)
0.022 (0,56)
0.500 (12,70) MIN
Seating
Plane
0.175 (4,44)
0.205 (5,21)
0.165 (4,19)
0.125 (3,17)
DIA
D
C
0.105 (2,67)
0.095 (2,41)
0.135 (3,43) MIN
0.080 (2,03)
0.055 (1,40)
0.045 (1,14)
1
0.105 (2,67)
23
0.080 (2,03)
0.105 (2,67)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Lead dimensions are not controlled within this area
D. FAlls within JEDEC TO -226 Variation AA (TO-226 replaces TO-92)
E. Shipping Method:
Straight lead option available in bulk pack only.
Formed lead option available in tape & reel or ammo pack.


同様の部品番号 - LM236LP-2.5

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM236LP-2-5 TI-LM236LP-2-5 Datasheet
219Kb / 11P
[Old version datasheet]   2.5V INTEGRATED REFERENCE CIRCUITS
LM236LP-2-5 TI1-LM236LP-2-5 Datasheet
449Kb / 15P
[Old version datasheet]   2.5V INTERGRATED REFERENCE CIRCUITS
More results

同様の説明 - LM236LP-2.5

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM236-2.5 TI1-LM236-2.5_17 Datasheet
565Kb / 16P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LM236-2.5 TI-LM236-2.5_15 Datasheet
433Kb / 14P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
LT1009 TI-LT1009_06 Datasheet
328Kb / 17P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI-LT1009_15 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI1-LT1009M Datasheet
158Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009 TI1-LT1009 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
LT1009M TI-LT1009M_15 Datasheet
128Kb / 11P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUIT
logo
List of Unclassifed Man...
AS535 ETC1-AS535 Datasheet
27Kb / 3P
   2.5 V Precision Reference / Amplifier
logo
Texas Instruments
LM236-2.5 TI-LM236-2.5 Datasheet
219Kb / 11P
[Old version datasheet]   2.5V INTEGRATED REFERENCE CIRCUITS
logo
Analog Devices
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com