データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC-2224 データシート(PDF) 2 Page - Gamewell-FCI by Honeywell

部品番号 FC-2224
部品情報  TWO-ZONE PANEL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
ホームページ  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FC-2224 データシート(HTML) 2 Page - Gamewell-FCI by Honeywell

  FC-2224 Datasheet HTML 1Page - Gamewell-FCI by Honeywell FC-2224 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
9020-0483
2 of 2
CHARACTERISTICS AND DIMENSIONS
Supervisory current
`
.050 amp.
Alarm current
.250 amp.
Operating temperature
32 - 120
o F (0 - 49o C)
Relative humidity
85% (non-condensing)
Dimensions
15 1/8”H x 12 13/16” W x 3 3/8” D
(38.4 cm x 33 cm x 8.5 cm)
ORDERING INFORMATION
Part Number
Model
Description
150-00001
FC-2224
Two-zone Control, 120 VAC
151-00001
FC-2884
Serial Driver Module
151-00003
FC-2880
Å
Annunciator Driver Module
151-00004
FC-2866
Å
Remote Zone Annunciator w/reset and silence switches
151-00005
FC-2104
Digital Alarm Communicator Transmitter
151-00019
2190
Cabinet for FC-2104 DACT (optional)
151-00017
5230
Programmer for FC-2104 DACT
151-00018
7860
Cable w/spade lugs for connection
to Telco RJ31X plug. (Optional)
151-00020
Quick connect cable to connect
5230 Programmer to FC-2104 DACT
151-00007
FC-2224PC
Replacement PC board
7628
UL Listed EOL resistor
151-00011
120 VAC Transformer (replacement)
151-00012
230 VAC, 50 Hz Transformer (optional)
Å Requires one (1) FC-2884
FC-2104 DACT reporting formats are:
SIA 8 or 20
SK 3/1 1,400 or 2,300 Hz
Contact ID
SK 4/2
BFSK 1,400 or 2,300 Hz
FC-2880 Annunciator Driver
Module
FC-2866 Remote Zone
Annunciator
FC-2104 Digital Alarm
Communicator Transmitter
FC-2884 Serial Driver Module


同様の部品番号 - FC-2224

メーカー部品番号データシート部品情報
logo
PREMO CORPORATION S.L
FC-225 PREMO-FC-225 Datasheet
138Kb / 1P
   Screened Room Filters
More results

同様の説明 - FC-2224

メーカー部品番号データシート部品情報
logo
Gamewell-FCI by Honeywe...
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
FC-4224 GAMEWELL-FCI-FC-4224 Datasheet
431Kb / 2P
   FOUR-ZONE PANEL
FC-6324 GAMEWELL-FCI-FC-6324 Datasheet
416Kb / 2P
   SIX ZONE PANEL
logo
Micrel Semiconductor
MIC284 MICREL-MIC284_05 Datasheet
926Kb / 20P
   Two-Zone Thermal Supervisor
MIC284 MICREL-MIC284 Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
SI7013 SILABS-SI7013 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
logo
Gamewell-FCI by Honeywe...
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
1120-0575 GAMEWELL-FCI-1120-0575 Datasheet
69Kb / 1P
   Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com