データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1488 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 MC1488
部品情報  QUADRUPLE LINE DRIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

MC1488 データシート(HTML) 6 Page - Texas Instruments

  MC1488 Datasheet HTML 1Page - Texas Instruments MC1488 Datasheet HTML 2Page - Texas Instruments MC1488 Datasheet HTML 3Page - Texas Instruments MC1488 Datasheet HTML 4Page - Texas Instruments MC1488 Datasheet HTML 5Page - Texas Instruments MC1488 Datasheet HTML 6Page - Texas Instruments MC1488 Datasheet HTML 7Page - Texas Instruments MC1488 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC1488, SN55188, SN75188
QUADRUPLE LINE DRIVERS
SLLS094B – SEPTEMBER 1983 – REVISED MAY 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
VOLTAGE TRANSFER CHARACTERISTICS
VCC + = 6 V, VCC – = – 6 V
9
6
3
0
–3
–6
–9
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
–12
2
12
0
VCC + = 12 V, VCC – = – 12 V
VCC + = 9 V, VCC – = – 9 V
RL = 3 kΩ
TA = 25°C
VI – Input Voltage – V
Figure 3
OUPUT CURRENT
vs
OUTPUT VOLTAGE
Load Line
VOH(VI = 0.8 V)
VCC – = – 9 V
16
12
8
4
0
–4
–8
–12
–16
12
8
4
0
–4
–8
–12
–20
16
20
VO – Output Voltage – V
–16
VOL(VI = 1.9 V)
3-k
VCC + = 9 V
TA = 25°C
Figure 4
SHORT-CIRCUT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
IOS(L) (VI = 1.9 V)
VO = 0
VCC – = – 9 V
125
100
75
50
25
0
–25
–50
–75
9
6
3
0
–3
–6
–9
–12
150
12
TA – Free-Air Temperature – °C
– 100
VCC + = 9 V
IOS(H) (VI = 0.8 V)
Figure 5
SLEW RATE
vs
LOAD CAPACITANCE
TA = 25°C
RL = ∞
VCC – = – 9 V
VCC + = 9 V
100
10
1000
100
1
10000
1000
CL – Load Capacitance – pF
10
† Data for temperatures below 0
°C and above 70°C are applicable to SN55188 circuit only.


同様の部品番号 - MC1488

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC1488 ONSEMI-MC1488 Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
STMicroelectronics
MC1488 STMICROELECTRONICS-MC1488 Datasheet
323Kb / 12P
   RS232C QUAD LINE DRIVER
logo
Texas Instruments
MC1488 TI-MC1488 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
Motorola, Inc
MC1488 MOTOROLA-MC1488 Datasheet
323Kb / 12P
   RS-232C QUAD LINE DRIVER
logo
ON Semiconductor
MC1488 ONSEMI-MC1488 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
More results

同様の説明 - MC1488

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
SN55188 TI-SN55188 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
   QUADRUPLE LINE DRIVERS
logo
KODENSHI_AUK CORP.
KK1488 KODENSHI-KK1488 Datasheet
277Kb / 5P
   Quadruple Line Drivers
logo
Texas Instruments
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C31C TI-AM26C31C Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN75C188 TI-SN75C188_06 Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com