データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAC-5F データシート(PDF) 2 Page - Gamewell-FCI by Honeywell

部品番号 CAC-5F
部品情報  Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
ホームページ  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

CAC-5F データシート(HTML) 2 Page - Gamewell-FCI by Honeywell

  CAC-5F Datasheet HTML 1Page - Gamewell-FCI by Honeywell CAC-5F Datasheet HTML 2Page - Gamewell-FCI by Honeywell CAC-5F Datasheet HTML 3Page - Gamewell-FCI by Honeywell CAC-5F Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Flex 405
CS-2405
09/01/06
Page 2 of 4
Specifications
• Single PC board design using Surface Mount
Technology (SMT).
• Two modular telephone jacks for connection to
RJ31X/modules.
AC power
• 120 VAC, 50/60 Hz, 2.3 A.
• Wire size: minimum 14 AWG
(2.0 mm²) with 600-volt insulation.
• Built-in brownout circuitry, built-in voltmeter.
Communicator
• One line-active indicator for each of two
phone lines.
• “Kiss-Off” signal LED.
• Dual “low telephone voltage detect” circuitry.
• Programmable event codes per each format.
• Up to 62 transmitted events/messages.
Selectable/deselectable transmissions of 62
events.
• Five zones may be configured to five
channels as a slave communicator (channels
are auto-resettable.
Communication formats
Express formats allow complete transaction to
be communicated in under five seconds.
• 20 PPS, 3+1 standard & expanded.
• 20 PPS, 4+1 standard & expanded.
• 20 PPS, 4+2 standard & expanded.
• 4+1 and 4+2 Ademco Express.
Initiating device circuits (zones)
• The Flex 405 includes five programmable
initiating device circuits (zones). Circuits 1, 2, 4,
and 5 are Style B (Class B). Circuit 3 is Style
D (Class A). Use Class A converter module
(P/N CAC-5F) to convert Class B IDCs to
Class A.
• Each zone may support two-wire smoke
detectors. Programming options include:
waterflow (silenceable/non-silenceable),
supervisory (standard/auto-reset), pull station,
normally-open-contact device.
• All circuits are power-limited and supervised.
• All circuits allow up to 100 ohms of line
resistance. Use 12 to 18 AWG wire (3.1 to
0.78 mm²).
Notification appliance circuits
• Two Style Z/Y (Class A/B) @ 2.5 A each.
• All circuits are fully power-limited
and meet UL power-limiting requirements.
Auxiliary outputs
• Resettable four-wire smoke detector power @
300 mA. Non-resettable power @ 300 mA.
• Integral Form-C Alarm and Trouble relays.
• Relay drivers for supervisory and
communication fail.
Cabinet specifications
• The compact cabinet can be surface- or semi-
flush-mounted.
• Knockouts on the top, sides, and back
provide ease of wire entry.
• Dimensions, Door: 15.219” high x 14.219” wide
(38.655 cm H x 36.115 cm W). Backbox: 15.0”
high x 14.5” wide x 3.0” deep (38.1 cm H x
36.83 cm W x 7.62 cm D). Trim ring (P/N TR-
1-R): 18.125” high x 17.62” wide (46.038 cm H
x 44.755 cm W).
Ordering Information
F405
Five-zone, 24-volt fire alarm control communicator. Includes
backbox, transformer, technical manual, and frame-and-post
operating instruction sheet.
XRM-24
120 VAC, 100 VA transformer expands NAC power from 3.0
to 5.0 amps.
SAN-405
Five-zone remote annunciator (RZA-5F), mounts to a single-
gang box (requires ADM-24).
ADM-24
Annunciator driver module (supports SAN-405).
RM-5F
Five-zone relay module, provides contact-by-zone.
CAC-5F
Class A converter module. Converts all Class B initiating
device circuits (zones) to Class A.
PRT-24
Printer interface module, provides an EIA-232 printer output.
Includes cable, DB9F and DB25 adapter.
PK-CD
Contains programming software for Windows®-based PC
computer (cable not included).
MCBL-7
DACT phone cord, 7 feet (2.134 m) long (two required).
BB-17F
Battery backbox, required for batteries over 7 AH.
TR-3-R
Trim ring.
52223
Flex 405 Installation and Maintenance Manual.


同様の部品番号 - CAC-5F

メーカー部品番号データシート部品情報
logo
Gamewell-FCI by Honeywe...
CAC-5X GAMEWELL-FCI-CAC-5X Datasheet
71Kb / 4P
   Pre-action / Deluge Control Panel
CAC-5X GAMEWELL-FCI-CAC-5X Datasheet
70Kb / 4P
   Agent Release Control Panel
CAC-5X GAMEWELL-FCI-CAC-5X Datasheet
61Kb / 2P
   5 and 10 Zone Conventional Fire Alarm Control Panels
More results

同様の説明 - CAC-5F

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FLEX405 ETC2-FLEX405 Datasheet
362Kb / 4P
   Fire Alarm Control Panel with built-in DACT and remote-site upload/download capability
logo
Gamewell-FCI by Honeywe...
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
   Fire Alarm Control Panel
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
Gamewell-FCI by Honeywe...
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
SLP-BLK GAMEWELL-FCI-SLP-BLK Datasheet
142Kb / 4P
   Small Addressable Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
LCD-7100 GAMEWELL-FCI-LCD-7100 Datasheet
243Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
7100-1-PNL GAMEWELL-FCI-7100-1-PNL Datasheet
269Kb / 3P
   Compact Analog Addressable Fire Alarm Control Panel
FLEX4 GAMEWELL-FCI-FLEX4 Datasheet
147Kb / 4P
   Conventional Fire Alarm Control Panels
logo
Silan Microelectronics ...
SC51D01F16A SILAN-SC51D01F16A Datasheet
789Kb / 21P
   REMOTE CONTROL WITH BUILT-IN FLASH AND CODE SAMPLING FUNCTION
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com