データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FC-255 データシート(PDF) 1 Page - Epson ToYoCom

部品番号 FC-255
部品情報  kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPSONTOYOCOM [Epson ToYoCom]
ホームページ  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

FC-255 データシート(HTML) 1 Page - Epson ToYoCom

  FC-255 Datasheet HTML 1Page - Epson ToYoCom FC-255 Datasheet HTML 2Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal unit
Crystal unit
Crystal unit
Crystal unit
Epson Toyocom
Epson Toyocom
Epson Toyocom
Epson Toyocom
Specifications (characteristics)
Specifications
Item
Symbol
FC-135 / 145
FC-255
FC-135
FC-255
Remarks
Nominal frequency range
f_nom
32.768 kHz
32 kHz to
77.5 kHz
32 kHz to 100 kHz
Please contact us for inquiries
regarding available frequencies.
Storage
temperature
T_stg
-55
°C to +125 °C
Store as bare product after unpacking
Temperature
range
Operating
temperature
T_use
-40
°C to +85 °C
Level of drive
DL
0.5
µW Max.
Frequency tolerance
(standard)
f_tol
±20 × 10-6
+25
°C, DL=0.1 µW
Please ask for tighter tolerance
Turnover temperature
Ti
+25
°C ±5 °C
Parabolic coefficient
B
-0.04
× 10-6 / °C2 Max.
Load capacitance
CL
7 pF,9 pF,12.5 pF
7 pF, 12.5 pF
7 pF,9 pF,12.5 pF
7 pF, 12.5 pF
Please specify
Motional resistance (ESR)
R1
70 k
Ω Max.
65 k
Ω Max.
70 k
Ω to 45 kΩ
70 k
Ω to 30 kΩ
Motional capacitance
C1
3.4 fF Typ.
2.0 fF Typ.
3.7 fF to 1.6 fF
2.3 fF to 0.6 fF
Shunt capacitance
C0
1.0 pF Typ.
1.3 pF Typ.
1.3 pF to 0.5 pF
1.7 pF to 0.9 pF
Frequency aging
f_age
±3 × 10-6 / year Max.
+25
°C, First year
External dimensions
(Unit:mm)
.
Footprint (Recommended)
(Unit:mm)
FC-135
FC-145
FC-255
3.2 ±0. 1
0.75
1.7
A501J
FC-1 35
#1
#2
#1
#2
I nt ernal c onn ec tion
(TO P VIEW )
4.1±0.1
0. 9
2.3
A501J
#2
F C-1 45
4. 9 ±0.1
0 .85
3.2
A501J
#2
FC-2 55
#1
# 1
#1
#2
Int ernal connect ion
(TO P VIEW )
#1
#2
Int ern al connect ion
(TO P VIEW )
kHz RANGE CRYSTAL UNIT
LOW PROFILE SMD
FC - 135 / FC - 145
FC - 255
•Frequency range
:
32.768 kHz (32 kHz to 100 kHz)
•Thickness
:
0.9 mm Max.
•Overtone order
:
Fundamental
•Applications
:
Small communications devices
1.0
FC-135
FC-145
FC-255
2.5
∗Do not design any patterns on shaded area.
3.2
1.1
4.2
1.3
Product Number (please contact us)
FC-135
: Q13FC1350xxxx00
FC-145
: Q13FC1450xxxx00
FC-255
: Q13FC2550xxxx00


同様の部品番号 - FC-255

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FC-255 ETC-FC-255 Datasheet
201Kb / 2P
   THIN SMD LOW / MEDIUM FREQUENCY CRYSTAL UNIT
logo
Epson Company
FC-255 EPSON-FC-255 Datasheet
239Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
More results

同様の説明 - FC-255

メーカー部品番号データシート部品情報
logo
Epson Company
MC-146 EPSON-MC-146 Datasheet
254Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson ToYoCom
FC-13E EPSONTOYOCOM-FC-13E Datasheet
447Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson Company
FC-135 EPSON-FC-135 Datasheet
239Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson ToYoCom
FC-125 EPSONTOYOCOM-FC-125 Datasheet
337Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-12M EPSONTOYOCOM-FC-12M Datasheet
461Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-13F EPSONTOYOCOM-FC-13F Datasheet
307Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson Company
FC-12D EPSON-FC-12D Datasheet
221Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson ToYoCom
MC-146 EPSONTOYOCOM-MC-146 Datasheet
320Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
List of Unclassifed Man...
MC-306 ETC1-MC-306 Datasheet
261Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson ToYoCom
MC-306 EPSONTOYOCOM-MC-306_10 Datasheet
189Kb / 1P
   kHz RANGE CRYSTAL UNIT SMD
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com