データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EN25P64 データシート(PDF) 4 Page - Eon Silicon Solution Inc.

部品番号 EN25P64
部品情報  64 Megabit Uniform Sector, Serial Flash Memory
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EON [Eon Silicon Solution Inc.]
ホームページ  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P64 データシート(HTML) 4 Page - Eon Silicon Solution Inc.

  EN25P64 Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25P64 Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25P64 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25P64 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25P64 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25P64 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25P64 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25P64 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25P64 Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com.
or modifications due to changes in technical specifications.
4
EN25P64
Rev. D, Issue Date: 2009/1/8
SIGNAL DESCRIPTION
Serial Data Input (DI)
The SPI Serial Data Input (DI) pin provides a means for instructions, addresses and data to be serially
written to (shifted into) the device. Data is latched on the rising edge of the Serial Clock (CLK) input pin.
Serial Data Output (DO)
The SPI Serial Data Output (DO) pin provides a means for data and status to be serially read from
(shifted out of) the device. Data is shifted out on the falling edge of the Serial Clock (CLK) input pin.
Serial Clock (CLK)
The SPI Serial Clock Input (CLK) pin provides the timing for serial input and output operations. ("See
SPI Mode")
Chip Select (CS#)
The SPI Chip Select (CS#) pin enables and disables device operation. When CS# is high the device is
deselected and the Serial Data Output (DO) pin is at high impedance. When deselected, the devices
power consumption will be at standby levels unless an internal erase, program or status register cycle
is in progress. When CS# is brought low the device will be selected, power consumption will increase to
active levels and instructions can be written to and data read from the device. After power-up, CS#
must transition from high to low before a new instruction will be accepted.
Hold (HOLD#)
The HOLD pin allows the device to be paused while it is actively selected. When HOLD is brought low,
while CS# is low, the DO pin will be at high impedance and signals on the DI and CLK pins will be
ignored (don’t care). The hold function can be useful when multiple devices are sharing the same SPI
signals.
Write Protect (WP#)
The Write Protect (WP#) pin can be used to prevent the Status Register from being written. Used in
conjunction with the Status Register’s Block Protect (BP0, BP1and BP2) bits and Status Register
Protect (SRP) bits, a portion or the entire memory array can be hardware protected.
Table 1. PIN Names
Symbol
Pin Name
CLK
Serial Clock Input
DI
Serial Data Input
DO
Serial Data Output
CS#
Chip Enable
WP#
Write Protect
HOLD#
Hold Input
Vcc
Supply Voltage (2.7-3.6V)
Vss
Ground


同様の部品番号 - EN25P64

メーカー部品番号データシート部品情報
logo
Eon Silicon Solution In...
EN25P05 EON-EN25P05 Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GC EON-EN25P05-100GC Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GCP EON-EN25P05-100GCP Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GI EON-EN25P05-100GI Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GIP EON-EN25P05-100GIP Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
More results

同様の説明 - EN25P64

メーカー部品番号データシート部品情報
logo
Eon Silicon Solution In...
EN25Q64 EON-EN25Q64 Datasheet
1Mb / 60P
   64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q64 EON-EN25Q64_11 Datasheet
1Mb / 60P
   64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH64 EON-EN25QH64 Datasheet
1Mb / 65P
   64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25T16A EON-EN25T16A Datasheet
681Kb / 35P
   16 Megabit Uniform Sector, Serial Flash Memory
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
   64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25F10 EON-EN25F10 Datasheet
425Kb / 31P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF10 EON-EN25LF10 Datasheet
417Kb / 30P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F32 EON-EN25F32 Datasheet
666Kb / 40P
   32 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF40 EON-EN25LF40 Datasheet
482Kb / 32P
   4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com