データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EN25P64 データシート(PDF) 5 Page - Eon Silicon Solution Inc.

部品番号 EN25P64
部品情報  64 Megabit Uniform Sector, Serial Flash Memory
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EON [Eon Silicon Solution Inc.]
ホームページ  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25P64 データシート(HTML) 5 Page - Eon Silicon Solution Inc.

  EN25P64 Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25P64 Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25P64 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25P64 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25P64 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25P64 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25P64 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25P64 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25P64 Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com.
or modifications due to changes in technical specifications.
5
EN25P64
Rev. D, Issue Date: 2009/1/8
MEMORY ORGANIZATION
The memory is organized as:
8,388,608 bytes
Uniform Sector Architecture
One hundred twenty-eight 64-Kbyte sectors
32768 pages (256 bytes each)
Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector or
Bulk Erasable but not Page Erasable.
Table 2 Block Sector Architecture
Sector
SECTOR SIZE (KByte)
Address range
127
64
7F0000h – 7FFFFFh
126
64
7E0000h – 7EFFFFh
125
64
7D0000h – 7DFFFFh
124
64
7C0000h – 7CFFFFh
123
64
7B0000h – 7BFFFFh
122
64
7A0000h – 7AFFFFh
121
64
790000h – 79FFFFh
120
64
780000h – 78FFFFh
119
64
770000h – 77FFFFh
118
64
760000h – 76FFFFh
117
64
750000h – 75FFFFh
116
64
740000h – 74FFFFh
115
64
730000h – 73FFFFh
114
64
720000h – 72FFFFh
113
64
710000h – 71FFFFh
112
64
700000h – 70FFFFh
111
64
6F0000h – 6FFFFFh
110
64
6E0000h – 6EFFFFh
109
64
6D0000h – 6DFFFFh
108
64
6C0000h – 6CFFFFh
107
64
6B0000h – 6BFFFFh
106
64
6A0000h – 6AFFFFh
105
64
690000h – 69FFFFh
104
64
680000h – 68FFFFh
103
64
670000h – 67FFFFh
102
64
660000h – 66FFFFh
101
64
650000h – 65FFFFh
100
64
640000h – 64FFFFh
99
64
630000h – 63FFFFh
98
64
620000h – 62FFFFh
97
64
610000h – 61FFFFh
96
64
600000h – 60FFFFh
95
64
5F0000h – 5FFFFFh
94
64
5E0000h – 5EFFFFh
93
64
5D0000h – 5DFFFFh
92
64
5C0000h – 5CFFFFh
91
64
5B0000h – 5BFFFFh


同様の部品番号 - EN25P64

メーカー部品番号データシート部品情報
logo
Eon Silicon Solution In...
EN25P05 EON-EN25P05 Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GC EON-EN25P05-100GC Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GCP EON-EN25P05-100GCP Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GI EON-EN25P05-100GI Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
EN25P05-100GIP EON-EN25P05-100GIP Datasheet
376Kb / 30P
   512 Kbit Uniform Sector, Serial Flash Memory
More results

同様の説明 - EN25P64

メーカー部品番号データシート部品情報
logo
Eon Silicon Solution In...
EN25Q64 EON-EN25Q64 Datasheet
1Mb / 60P
   64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q64 EON-EN25Q64_11 Datasheet
1Mb / 60P
   64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH64 EON-EN25QH64 Datasheet
1Mb / 65P
   64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25T16A EON-EN25T16A Datasheet
681Kb / 35P
   16 Megabit Uniform Sector, Serial Flash Memory
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
   64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25F10 EON-EN25F10 Datasheet
425Kb / 31P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF10 EON-EN25LF10 Datasheet
417Kb / 30P
   1 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25F32 EON-EN25F32 Datasheet
666Kb / 40P
   32 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25LF40 EON-EN25LF40 Datasheet
482Kb / 32P
   4 Megabit Serial Flash Memory with 4Kbytes Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com