データシートサーチシステム |
|
SM13TE-18 データシート(PDF) 4 Page - Pletronics, Inc. |
|
SM13TE-18 データシート(HTML) 4 Page - Pletronics, Inc. |
4 / 7 page SM13T Series Miniature SMD Crystal August 2007 www.pletronics.com 425-776-1880 4 Mechanical: Inches mm A 0.197 +_ 0.008 5.0 +_ 0.2 B 0.276 +_ 0.008 7.0 +_ 0.2 C 0.044 max 1.1 max D1 0.039 1.0 E1 0.061 1.54 F1 0.181 4.6 1 Typical dimensions Not to Scale Contacts : Gold 11.8 μinches 0.3 μm minimum over Nickel 50 to 350 μinches 1.27 to 8.89 μm Connection (top view): The pads shown not connected to the crystal are common and connected to the metal cover. Layout and application information • Trace lengths to the crystal should be kept as short as possible. • The crystal connections are sensitive to noise. • The package should be grounded for optimum performance. |
同様の部品番号 - SM13TE-18 |
|
同様の説明 - SM13TE-18 |