データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

J1031C24VDC.15S データシート(PDF) 1 Page - CIT Relay & Switch

部品番号 J1031C24VDC.15S
部品情報  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIT [CIT Relay & Switch]
ホームページ  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J1031C24VDC.15S データシート(HTML) 1 Page - CIT Relay & Switch

  J1031C24VDC.15S Datasheet HTML 1Page - CIT Relay & Switch J1031C24VDC.15S Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
J103
12.5 x 7.5 x 10.0 mm
RoHS Compliant
Low coil power consumption
High sensitivity
Conforms to FCC part 68
PC board mounting
Small size, light weight
Coil Voltage
VDC
Coil
Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
75% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
.15W
.20W
3
3.9
60
45
2.25
.3
.15
.20
4.5
1.5
5
6.5
167
125
3.75
.5
6
7.8
240
180
4.50
.6
9
11.7
540
405
6.75
.9
12
15.6
960
720
9.00
1.2
24
31.2
3840
2880
18.00
2.4
Caution
1. The use of any coil voltage less than the
rated coil voltage may compromise the
operation of the relay.
E197851
Contact Arrangement
1A = SPST N.O.
1C = SPDT
Contact Rating
2A @ 120VAC
2A @ 24VDC
Contact Resistance
< 50 milliohms initial
Contact Material
Ag + Au
Maximum Switching Power
30W
Maximum Switching Voltage
125VAC, 60VDC
Maximum Switching Current
2A
Coil Data
Contact Data
General Data
Electrical Life @ rated load
100K cycles, typical
Mechanical Life
5M cycles, typical
Insulation Resistance
100M Ω min. @ 500VDC
Dielectric Strength, Coil to Contact
1500V rms min. @ sea level
Contact to Contact
1000V rms min. @ sea level
Shock Resistance
100m/s2 for 11 ms
Vibration Resistance
3.30mm double amplitude 10~40Hz
Terminal (Copper Alloy) Strength
5N
Operating Temperature
-40oC to +85oC
Storage Temperature
-40oC to +155oC
Solderability
260oC for 5 s
Weight
2.2g
Features


同様の部品番号 - J1031C24VDC.15S

メーカー部品番号データシート部品情報
logo
CIT Relay & Switch
J1031C24VDC.15S CIT-J1031C24VDC.15S Datasheet
112Kb / 3P
   Low coil power consumption
More results

同様の説明 - J1031C24VDC.15S

メーカー部品番号データシート部品情報
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com