データシートサーチシステム |
|
SM5544GEV データシート(PDF) 4 Page - Pletronics, Inc. |
|
SM5544GEV データシート(HTML) 4 Page - Pletronics, Inc. |
4 / 8 page SM55G Series 3.3 V CMOS Clock Oscillators June 2007 www.pletronics.com 425-776-1880 4 Electrical Specification for 3.30V + _10% over the specified temperature range Item Typ Max Unit Condition Output T RISE and TFALL 1.5 2.5 nS < 35 MHz C LOAD = 15 pF 10% to 90% of V CC See Load Circuit 1.8 4.0 nS > 35 MHz and < 70 MHz 1.2 2.5 nS > 70 MHz and < 110 MHz 12 nS > 110 MHz 3.0 5.0 nS < 35 MHz C LOAD =30 pF 10% to 90% of V CC See Load Circuit 2.5 5.0 nS > 35 MHz and < 70 MHz 1.4 3.0 nS > 70 MHz and < 110 MHz 1.2 2.0 nS > 110 MHz 5.0 8.0 nS < 35 MHz C LOAD =50 pF 10% to 90% of V CC See Load Circuit 4.0 8.0 nS > 35 MHz and < 70 MHz 2.1 4.5 nS > 70 MHz and < 110 MHz 2.1 3.5 nS > 110 MHz V CC Supply Current (ICC) 4.5 8 mA < 8 MHz C LOAD = 15 pF 59 mA > 8 MHz and < 16 MHz 5.5 10 mA > 16 MHz and < 35 MHz 13 26 mA > 35 MHz and <70 MHz 20 50 mA > 70 MHz and <110 MHz 30 70 mA > 110 MHz 59 mA < 8 MHz C LOAD = 30 pF 610 mA > 8 MHz and < 16 MHz 813 mA > 16 MHz and < 35 MHz 14 28 mA > 35 MHz and <70 MHz 26 57 mA > 70 MHz and <110 MHz 40 90 mA > 110 MHz 610 mA < 8 MHz C LOAD = 50 pF 712 mA > 8 MHz and < 16 MHz 10 15 mA > 16 MHz and < 35 MHz 18 31 mA > 35 MHz and <70 MHz 34 65 mA > 70 MHz and <110 MHz 44 80 mA > 110 MHz Specifications with Pad 1 E/D open circuit |
同様の部品番号 - SM5544GEV |
|
同様の説明 - SM5544GEV |