データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5520TE データシート(PDF) 6 Page - Pletronics, Inc.

部品番号 SM5520TE
部品情報  5.0 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PLETRONICS [Pletronics, Inc.]
ホームページ  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5520TE データシート(HTML) 6 Page - Pletronics, Inc.

  SM5520TE Datasheet HTML 1Page - Pletronics, Inc. SM5520TE Datasheet HTML 2Page - Pletronics, Inc. SM5520TE Datasheet HTML 3Page - Pletronics, Inc. SM5520TE Datasheet HTML 4Page - Pletronics, Inc. SM5520TE Datasheet HTML 5Page - Pletronics, Inc. SM5520TE Datasheet HTML 6Page - Pletronics, Inc. SM5520TE Datasheet HTML 7Page - Pletronics, Inc. SM5520TE Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SM55T Series 5.0 V
CMOS Clock Oscillators
June 2007
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
A
0.197 +_0.006
5.00 +_0.15
B
0.126 +_0.006
3.20 +_0.15
C
0.045 +_0.004
1.15 +_0.10
D1
0.048
1.23
E1
0.100
2.54
F1
0.004
0.10
G1
0.050
1.27
H1
0.055
1.40
Not to Scale
1 Typical dimensions
I1
0.024
0.60
J1
0.004
0.10R
K1
0.008
0.020R
Contacts :
Gold 11.8 μinches
0.3 μm minimum over Nickel 50 to 350 μinches
1.27 to 8.89 μm
Pad
Function
Note
1
Output
Enable/Disable
When this pad is not connected the oscillator shall operate.
When this pad is logic low the output will be inhibited (high impedance state.)
Recommend connecting this pad to V
CC if the oscillator is to be always on.
2
Ground (GND)
3
Output
4
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.
Layout and application information
For Optimum Jitter Performance, Pletronics recommends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device
do not layout near a large magnetic field such as a high frequency switching power supply
do not place near piezoelectric buzzers or mechanical fans.


同様の部品番号 - SM5520TE

メーカー部品番号データシート部品情報
logo
Pletronics, Inc.
SM5520TEV PLETRONICS-SM5520TEV Datasheet
154Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5520TEV-75.0M-T1K PLETRONICS-SM5520TEV-75.0M-T1K Datasheet
111Kb / 8P
   SM55T Series 3.3 V CMOS Clock Oscillators
SM5520TEV-75.0M-T250 PLETRONICS-SM5520TEV-75.0M-T250 Datasheet
111Kb / 8P
   SM55T Series 3.3 V CMOS Clock Oscillators
SM5520TEV-75.0M-T500 PLETRONICS-SM5520TEV-75.0M-T500 Datasheet
111Kb / 8P
   SM55T Series 3.3 V CMOS Clock Oscillators
SM5520TEW PLETRONICS-SM5520TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
More results

同様の説明 - SM5520TE

メーカー部品番号データシート部品情報
logo
Pletronics, Inc.
SM7745DE PLETRONICS-SM7745DE Datasheet
149Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745HE PLETRONICS-SM7745HE Datasheet
110Kb / 8P
   5.0 V CMOS Clock Oscillators
SM5545ME PLETRONICS-SM5545ME Datasheet
152Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745ME PLETRONICS-SM7745ME Datasheet
150Kb / 8P
   5.0 V CMOS Clock Oscillators
SQ3345DES PLETRONICS-SQ3345DES Datasheet
132Kb / 7P
   5.0 V CMOS Clock Oscillators
SM7645DE PLETRONICS-SM7645DE Datasheet
203Kb / 9P
   5.0 V CMOS Clock Oscillators
P1145-3SDES PLETRONICS-P1145-3SDES Datasheet
78Kb / 7P
   P113SD Series 5.0 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com