データシートサーチシステム |
|
SN74ABT16541A データシート(PDF) 1 Page - Texas Instruments |
|
|
SN74ABT16541A データシート(HTML) 1 Page - Texas Instruments |
1 / 10 page SN54ABT16541, SN74ABT16541A 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCBS118C – FEBRUARY 1991 – REVISED JANUARY 1997 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Members of the Texas Instruments Widebus ™ Family D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design Significantly Reduces Power Dissipation D Latch-Up Performance Exceeds 500 mA Per JEDEC Standard JESD-17 D Typical VOLP (Output Ground Bounce) < 0.8 V at VCC = 5 V, TA = 25°C D Distributed VCC and GND Pin Configuration Minimizes High-Speed Switching Noise D Flow-Through Architecture Optimizes PCB Layout D High-Drive Outputs (–32-mA IOH, 64-mA IOL) D Package Options Include Plastic 300-mil Shrink Small-Outline (DL), Thin Shrink Small-Outline (DGG), Thin Very Small-Outline (DGV) Packages and 380-mil Fine-Pitch Ceramic Flat (WD) Packages Using 25-mil Center-to-Center Spacings description The SN54ABT16541 and SN74ABT16541A are noninverting 16-bit buffers composed of two 8-bit sections with separate output-enable signals. For either 8-bit buffer section, the two output-enable (1OE1 and 1OE2 or 2OE1 and 2OE2) inputs must both be low for the corresponding Y outputs to be active. If either output-enable input is high, the outputs of that 8-bit buffer section are in the high-impedance state. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. The SN54ABT16541 is characterized for operation over the full military temperature range of –55 °C to 125°C. The SN74ABT16541A is characterized for operation from –40 °C to 85°C. FUNCTION TABLE (each 8-bit section) INPUTS OUTPUT OE1 OE2 A Y L L L L L LH H H XX Z X H X Z Copyright © 1997, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Widebus and EPIC- ΙΙB are trademarks of Texas Instruments Incorporated. SN54ABT16541 . . . WD PACKAGE SN74ABT16541A . . . DGG, DGV, OR DL PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1OE1 1Y1 1Y2 GND 1Y3 1Y4 VCC 1Y5 1Y6 GND 1Y7 1Y8 2Y1 2Y2 GND 2Y3 2Y4 VCC 2Y5 2Y6 GND 2Y7 2Y8 2OE1 1OE2 1A1 1A2 GND 1A3 1A4 VCC 1A5 1A6 GND 1A7 1A8 2A1 2A2 GND 2A3 2A4 VCC 2A5 2A6 GND 2A7 2A8 2OE2 |
同様の部品番号 - SN74ABT16541A |
|
同様の説明 - SN74ABT16541A |