データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT16952DLRG4 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74ABT16952DLRG4
部品情報  16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT16952DLRG4 データシート(HTML) 8 Page - Texas Instruments

Back Button SN74ABT16952DLRG4 Datasheet HTML 2Page - Texas Instruments SN74ABT16952DLRG4 Datasheet HTML 3Page - Texas Instruments SN74ABT16952DLRG4 Datasheet HTML 4Page - Texas Instruments SN74ABT16952DLRG4 Datasheet HTML 5Page - Texas Instruments SN74ABT16952DLRG4 Datasheet HTML 6Page - Texas Instruments SN74ABT16952DLRG4 Datasheet HTML 7Page - Texas Instruments SN74ABT16952DLRG4 Datasheet HTML 8Page - Texas Instruments SN74ABT16952DLRG4 Datasheet HTML 9Page - Texas Instruments SN74ABT16952DLRG4 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SN54ABT16952, SN74ABT16952
16-BIT REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS082C – FEBRUARY 1991 – REVISED JANUARY 1997
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
7 V
Open
GND
500
500
Data Input
Timing Input
1.5 V
3 V
0 V
1.5 V
1.5 V
3 V
0 V
3 V
0 V
1.5 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
Input
1.5 V
Output
Control
Output
Waveform 1
S1 at 7 V
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
3.5 V
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH – 0.3 V
≈ 0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
Output
Control
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


同様の部品番号 - SN74ABT16952DLRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT16952DLRG4 TI-SN74ABT16952DLRG4 Datasheet
342Kb / 12P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ABT16952DLRG4

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74ALVCH162543 HITACHI-HD74ALVCH162543 Datasheet
58Kb / 12P
   16-bit Registered Transceivers with 3-state Outputs
HD74ALVCH16543 HITACHI-HD74ALVCH16543 Datasheet
57Kb / 13P
   16-bit Registered Transceivers with 3-state Outputs
logo
Texas Instruments
54ACT16543 TI-54ACT16543_07 Datasheet
322Kb / 12P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16543 TI-54ACT16543 Datasheet
179Kb / 10P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16470 TI1-SN54ABT16470_08 Datasheet
338Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16543 TI1-54AC16543 Datasheet
176Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16470 TI1-54ACT16470 Datasheet
164Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16544 TI-54ACT16544 Datasheet
153Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16952 TI-54ACT16952 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT16543 TI-SN54ABT16543 Datasheet
139Kb / 13P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16470 TI-74ACT16470 Datasheet
149Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com