データシートサーチシステム |
|
SN74ABT240ADWR データシート(PDF) 2 Page - Texas Instruments |
|
|
SN74ABT240ADWR データシート(HTML) 2 Page - Texas Instruments |
2 / 16 page SN54ABT240, SN74ABT240A OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SCBS098I – JANUARY 1991 – REVISED JUNE 2002 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. FUNCTION TABLE (each buffer) INPUTS OUTPUT OE A Y L H L L LH H X Z logic diagram (positive logic) 1 218 1Y1 1OE 1A1 416 1Y2 1A2 614 1Y3 1A3 812 1Y4 1A4 19 11 9 2Y1 2OE 2A1 13 7 2Y2 2A2 15 5 2Y3 2A3 17 3 2Y4 2A4 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high-impedance or power-off state, VO –0.5 V to 5.5 V . . . . . . . . . Current into any output in the low state, IO: SN54ABT240 96 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74ABT240A 128 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) –18 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0) –50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): DB package 70 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DW package 58 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 69 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 60 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 83 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51-7. |
同様の部品番号 - SN74ABT240ADWR |
|
同様の説明 - SN74ABT240ADWR |